Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE22A Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # P6KE22A
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P6KE22A Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  P6KE22A Datasheet HTML 1Page - MIC GROUP RECTIFIERS P6KE22A Datasheet HTML 2Page - MIC GROUP RECTIFIERS P6KE22A Datasheet HTML 3Page - MIC GROUP RECTIFIERS P6KE22A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P6KE6.8 THRU P6KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
P6KE6.8J THRU P6KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
600 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted)
Breakdown Voltage
at Test Current IT
MIN
MAX
Stand-off
Voltage
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Current
Maximum
Clamping
Voltage
at IPPM
Maximum
Temperature
Coefficient
of VBR
VBR(V)
IT(mA)
VWM
ID(μA)
IPPM (A)
VC (V)
XVZ(%℃)
Device
Type
Note 1
Note 3
Note 2
P6KE6.8/J
6.12
7.48
10
5.5
1000
55.6
10.8
0.067
P6KE6.8A/J
6.45
7.14
10
5.8
1000
57.1
10.5
0.057
P6KE7.5/J
6.75
8.25
10
6.05
500
51.3
11.7
0.061
P6KE7.5A/J
7.13
7.88
10
6.4
500
53.1
11.3
0.061
P6KE8.2/J
7.38
9.02
10
6.63
200
48.0
12.5
0.065
P6KE8.2A/J
7.79
8.61
10
7.02
200
49.6
12.1
0.065
P6KE9.1/J
8.19
10
1
7.37
50
43.6
13.8
0.068
P6KE9.1A/J
8.65
9.55
1
7.78
50
44.8
13.4
0.068
P6KE10/J
9
11
1
8.1
10
40.0
15
0.073
P6KE10A/J
9.5
10.5
1
8.55
10
41.4
14.5
0.073
P6KE11/J
9.9
12.1
1
8.92
5
37
16.2
0.075
P6KE11A/J
10.5
11.6
1
9.4
5
38.5
15.6
0.075
P6KE12/J
10.8
13.2
1
9.72
5
34.7
17.3
0.078
P6KE12A/J
11.4
12.6
1
10.2
5
35.9
16.7
0.078
P6KE13/J
11.7
14.3
1
10.5
5
31.6
19
0.061
P6KE13A/J
12.4
13.7
1
11.1
5
33.0
18.2
0.081
P6KE15/J
13.5
16.5
1
12.1
5
27.3
22
0.084
P6KE15A/J
14.3
15.8
1
12.8
5
28.3
21.2
0.084
P6KE16/J
14.4
17.6
1
12.9
5
25.5
23.5
0.086
P6KE16A/J
15.2
16.8
1
13.6
5
26.7
22.5
0.086
P6KE18/J
16.2
19.8
1
14.5
5
22.6
26.5
0.088
P6KE18A/J
17.1
18.9
1
15.3
5
23.8
25.2
0.088
P6KE20/J
18
22
1
16.2
5
20.6
29.1
0.09
P6KE20A/J
19
21
1
17.1
5
21.7
27.7
0.09
P6KE22/J
19.8
24.2
1
17.8
5
18.8
31.9
0.092
P6KE22A/J
20.9
23.1
1
18.8
5
19.6
30.6
0.092
P6KE24/J
21.6
26.4
1
19.4
5
17.6
34.7
0.094
P6KE24A/J
22.8
25.2
1
20.5
5
18.1
33.2
0.094
P6KE27/J
24.3
2937
1
21.8
5
15.3
39.1
0.096
P6KE27A/J
25.7
28.4
1
23.1
5
16.0
37.5
0.096
P6KE30/J
27
33
1
24.3
5
13.8
43.5
0.097
P6KE30A/J
28.5
31.5
1
25.6
5
14.5
41.4
0.097
P6KE33/J
29.7
36.3
1
26.8
5
12.6
47.7
0.098
P6KE33A/J
31.4
34.7
1
28.2
5
13.1
45.7
0.098
P6KE36/J
32.4
39.6
1
29.1
5
11.5
52
0.099
P6KE36A/J
34.2
37.8
1
30.8
5
12.0
49.9
0.099
P6KE39/J
35.1
42.9
1
31.6
5
10.6
56.4
0.1
P6KE39A/J
37.1
41
1
33.3
5
11.1
53.9
0.1
P6KE43/J
38.7
47.3
1
34.8
5
9.7
61.9
0.101
P6KE43A/J
40.9
45.2
1
36.8
5
10.1
59.3
0.101
P6KE47/J
42.3
51.7
1
38.1
5
8.8
67.8
0.101
P6KE47A/J
44.7
49.4
1
40.2
5
9.3
64.8
0.101
P6KE51/J
45.9
56.1
1
41.3
5
8.2
73.5
0.102
P6KE51A/J
48.5
53.6
1
43.6
5
8.6
70.1
0.102
P6KE56/J
50.4
61.6
1
45.4
5
7.5
80.5
0.103
P6KE56A/J
53.2
58.8
1
47.8
5
7.8
77
0.103
P6KE62/J
55.8
68.2
1
50.2
5
6.7
89
0.104


Similar Part No. - P6KE22A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
P6KE22A DAESAN-P6KE22A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
SUNMATE electronic Co.,...
P6KE22A SUNMATE-P6KE22A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
logo
HY ELECTRONIC CORP.
P6KE22A HY-P6KE22A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Motorola, Inc
P6KE22A MOTOROLA-P6KE22A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE22A VISHAY-P6KE22A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE22A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com