Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRMG254 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # PRMG254
Description  PRESS FIT AUTOMOTIVE RECTIFIER竊뉾OTOROLA竊
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PRMG254 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  PRMG254 Datasheet HTML 1Page - MIC GROUP RECTIFIERS PRMG254 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER(MOTOROLA)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
PRMG251 THRU PRMG256
CURRENT
25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES PRMG251 THRU PRMG256
F1G.4 FORWARD ROWER DISSIPATION
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
300
600
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
AMBIENT TEMPERATURE, ()
110
125
100
150
175
75
50
25
0
0
10
20
30
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375″(9.5mm) Lead Length
500
100
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
0.6
0.8
1.2
1.0
1.8
2.0
1.6
1.4
0.1
1.0
10
100
1000
INSTANTANEOUS FORWARD VOLTAGE,(V)
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
25
400
200
80
20
40
60
DC
SQUARE WAVE
0
0
10
20
30
40
50


Similar Part No. - PRMG254

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMG351 MIC-PRMG351 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG352 MIC-PRMG352 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG353 MIC-PRMG353 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG354 MIC-PRMG354 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG356 MIC-PRMG356 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
More results

Similar Description - PRMG254

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMG351 MIC-PRMG351 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG501 MIC-PRMG501 Datasheet
45Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRM501 MIC-PRM501 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRM251 MIC-PRM251 Datasheet
45Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRM351 MIC-PRM351 Datasheet
46Kb / 2P
   PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRB251 MIC-PRB251 Datasheet
46Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRB501 MIC-PRB501 Datasheet
45Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRBG251 MIC-PRBG251 Datasheet
50Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRBG351 MIC-PRBG351 Datasheet
51Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
LPB351 MIC-LPB351 Datasheet
61Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com