Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT273DWRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ABT273DWRE4
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT273DWRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT273DWRE4 Datasheet HTML 1Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 2Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT273DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN54ABT273, SN74ABT273
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR
SCBS185B – FEBRUARY 1991 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
Output
Control
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ABT273DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT273DWRE4 TI-SN74ABT273DWRE4 Datasheet
592Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
SN74ABT273DWRE4 TI-SN74ABT273DWRE4 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74ABT273DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT273 TI-SN54ABT273_07 Datasheet
592Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
SN54ABT273 TI-SN54ABT273_08 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74LS273 HITACHI-HD74LS273 Datasheet
73Kb / 6P
   Octal D-type Positive-edge-triggered Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS273 RENESAS-HD74LS273 Datasheet
98Kb / 7P
   Octal D-type Positive-edge-triggered Flip-Flops (with Clear)
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com