Selected language     English  ▼


G0505S-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. G0505S-2W
Description  G0509S-2W
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 1 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
G_S-2W & H_S-2W
A/2-2008
Page 1 of 2
G_S-2W & H_S-2W Series
2W,FIXED INPUT,6000V ISOLATED&UNREGULATED
SINGLE/DUAL OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
G0505S-2W *
±5
±200
±20
74
G0509S-2W *
±9
±111
±12
77
G0512S-2W *
±12
±83
±9
77
G0515S-2W *
±15
±67
±7
77
H0505S-2W
5
400
40
74
H0509S-2W
9
222
23
77
H0512S-2W
12
167
17
77
H0515S-2W
5
4.5-5.5
15
133
14
77
G1205S-2W
±5
±200
±20
75
G1209S-2W *
±9
±111
±12
78
G1212S-2W *
±12
±83
±9
80
G1215S-2W *
±15
±67
±7
78
H1205S-2W
5
400
40
75
H1209S-2W
9
222
23
78
H1212S-2W
12
167
17
80
H1215S-2W
12
10.8-13.2
15
133
14
78
G2405S-2W *
±5
±200
±20
75
G2409S-2W *
±9
±111
±12
77
G2412S-2W *
±12
±83
±9
80
G2415S-2W *
±15
±67
±7
79
H2405S-2W
5
400
40
75
H2409S-2W
9
222
23
77
H2412S-2W
12
167
17
80
H2415S-2W
24
21.6-26.4
15
133
14
79
* Designing.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output power
0.2
2
W
Line regulation
For Vin change of
±1%
±1.2
10% to 100% load(5V output)
10
15
10% to 100% load(9V output)
8.3
15
10% to 100% load(12V output)
6.8
15
Load regulation
10% to 100% load(15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
150
250
mVp-p
Full load nominal input (5V input)
45
Switching frequency
Full load nominal input (12V/24V input)
50
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
High Efficiency Up To 80%
SIP Package
6KVDC Isolation
Low isolation capacitance
Temperature Range: -40
°C to +85°C
Continuous Short Circuit Protection
No Heatsink Required
No External Component Required
Internal SMD Construction
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The G_S-2W & H_S-2W Series are specially
designed for applications where a group of
polar power supplies are isolated from the input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤6000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
H0505S-2W
Product Series
Input Voltage
Outpu t Voltage
Package St yle
R at e d Po wer
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. See below recommended circuits for more details.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl