Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE51J Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # P4KE51J
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P4KE51J Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  P4KE51J Datasheet HTML 1Page - MIC GROUP RECTIFIERS P4KE51J Datasheet HTML 2Page - MIC GROUP RECTIFIERS P4KE51J Datasheet HTML 3Page - MIC GROUP RECTIFIERS P4KE51J Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P4KE6.8 THRU P4KE440CA(GPP)
Breakdown Voltage
6.8 to 400 Volts
P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
400 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated or silastic guard junction (open junction)
400W peak pulse power capability with a 10/1000μs
Waveform, repetition rate (duty cycle): 0.0%1
Excellent clamping capability
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for unidirectional and 5.0ns for bidirectional types
Devices with V(BR)≥10V, ID are typically ID less than 1.0μA
High temperature soldering guaranteed:
265℃/10 seconds, 0.375” (9.5mm) lead length,
51bs.(2.3kg) tension
MECHANICAL DATA
Cass: JEDEC DO-204AL,molded plastic body over passivated junction
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color bands denotes positive end (cathode) except for bidirectional types
Mounting position: any
Weight: 0.012 ounces, 0.3 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types P4KE7.5 THRU TYPES P4K440 (e.g. P4KE7.5CA,
P4KE440CA).Electrical Characteristics apply in both directions.
Suffix A denotes ±5% tolerance device, No suffix A denotes ±10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform(NOTE1,FIG.1)
PPPM
Minimum 400
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.3)
IPPM
See Table 1
Watt
Steady Stage Power Dissipation at TT=75℃
Lead lengths 0.375”(9.5)(Note2)
PM(AV)
1.0
Amps
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method) (Note3)
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 25A for
unidirectional only (NOTE 3)
VF
3.5/6.5
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pads to each terminal of 0.31 in (8.0mm2) per Fig 5.
3.
Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum.
4.
VF=3.0 Volts max. for devices of V (BR) ≤200V, and VF=6.5 Volts max. for devices of V(BR)≥200v
DIA.
DIA.
Dimensions in inches and (millimeters)
DO-41
.080(2.0)
.107(2.7)
.028(0.7)
.034(0.9)
MIN.
1.0(25.4)
MIN.
1.0(25.4)
.165(4.2)
.205(5.2)


Similar Part No. - P4KE51J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4KE51 TSC-P4KE51 Datasheet
224Kb / 6P
   400 Watts Transient Voltage Suppressor Low Dynamic impedance
logo
Pan Jit International I...
P4KE51 PANJIT-P4KE51 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Microdiode Electronics ...
P4KE51 CHENDA-P4KE51 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE51 DIOTEC-P4KE51 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE51 LUGUANG-P4KE51 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE51J

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
30KPA28A SMC-30KPA28A Datasheet
716Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
Shenzhen Luguang Electr...
15KP12 LUGUANG-15KP12 Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com