Selected language     English  ▼


G0509S-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. G0509S-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 1 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
G_S-1W & H_S-1W
A/2-2008
Page 1 of 2
G_S-1W & H_S-1W Series
1W, FIXED INPUT, 6000V ISOLATED&UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
H0505S-1W
5
200
20
70
H0509S-1W
9
111
12
72
H0512S-1W
12
84
9
73
H0515S-1W
15
67
7
74
G0505S-1W
±5
±100
±10
70
G0509S-1W
±9
±56
±6
72
G0512S-1W
±12
±42
±5
73
G0515S-1W
5
4.5-5.5
±15
±33
±4
75
H1205S-1W
5
200
20
70
H1209S-1W
9
111
12
71
H1212S-1W
12
84
9
72
H1215S-1W
15
67
7
74
G1205S-1W
±5
±100
±10
70
G1209S-1W
±9
+56
±6
71
G1212S-1W
±12
±42
±5
72
G1215S-1W
12
10.8-13.2
±15
±33
±4
75
Note: G/H_S-1W
Series:UL-60950-1 Pending.
ISOLATION
SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
6000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
10
pF
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±1.2
%
10% to 100% load (5V output)
12.8
15
10% to 100% load (9V output)
8.3
15
10% to 100% load (12V output)
6.8
15
Load regulation
10% to 100% load (15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
150
200
mVp-p
(5V input)
250
Switching frequency
Full load,
nominal input
(12V input)
50
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
6KVDC Isolation
SIP Package
Temperature Range: -40
°C to +85°C
No Heat sink Required
Low Isolation Capacitance
Internal SMD Construction
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The G_S-1W & H_S-1W Series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤6000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power device
driving circuits.
MODEL SELECTION
G0505S-1W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output
load unless otherwise specified.
2. Dual output models unbalanced load:
±5%.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WRA0505ZP-3WDUAL/SINGLE OUTPUT DIP DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
EA0505S-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
F0303T-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
E0505S-2WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
B0303LD-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
F0305S-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
B0303S-2WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
E0505D-2WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 3 MORNSUN Science& Technology Ltd.
WRA0505YMD-3WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 3 MORNSUN Science& Technology Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl