Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G0515D-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # G0515D-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

G0515D-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  G0515D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. G0515D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
G_D-1W & H_D-1W
A/3-2009
Page 1 of 2
G_D-1W & H_D-1W Series
1W, FIXED INPUT, 6000V ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
Certificate
H0505D-1W
5
200
20
70
UL
H0509D-1W
9
111
12
72
UL
H0512D-1W
12
84
9
73
UL
H0515D-1W*
15
67
7
74
UL
G0505D-1W
±5
±100
±10
70
UL
G0509D-1W
±9
±56
±6
71
UL
G0512D-1W
±12
±42
±5
72
UL
G0515D-1W*
5
4.5-5.5
±15
±33
±4
73
UL
H1205D-1W
5
200
20
70
UL
H1209D-1W
9
111
12
71
UL
H1212D-1W
12
84
9
72
UL
H1215D-1W
15
67
7
74
UL
G1205D-1W
±5
±100
±10
70
UL
G1209D-1W
±9
±56
±6
71
UL
G1212D-1W
±12
±42
±5
72
UL
G1215D-1W
12
10.8-13.2
±15
±33
±4
75
UL
* Designing.
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
6000
VDC
Isolation resistance
Test at 1000VDC
1000
M
Ω
Isolation capacitance
3.5
pF
COMMON SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
30
Lead temperature
1.5mm from case for 10 seconds
300
°C
5V input voltage
1
s
Short circuit protection*
12V input voltage
Continuous
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
8.2
g
FEATURES
Small Footprint
DIP Package
6KVDC Isolation
Temperature Range: -40
°C to+85°C
No Heat Sink Require
No External Component Require
Internal SMD Construction
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The G_D-1W & H_D-1W Series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤±10%);
2) Where isolation is necessary between
input and output (isolation voltage
≤6000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanded.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
H0505D-1W
Product S eries
Input Voltage
Outpu t Volt age
Package Style
R ated P ower
MORNSUN Science & Technology co.,Ltd.
Address:2th floor 6th building, Hangzhou Industrial
District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
* When input voltage (Nominal) is 5V, Supply voltage must be discontinued at the end of short circuit
duration.


Similar Part No. - G0515D-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
G0515D-2W MORNSUN-G0515D-2W Datasheet
138Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - G0515D-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com