Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2D Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # RS2D
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RS2D Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  RS2D Datasheet HTML 1Page - MIC GROUP RECTIFIERS RS2D Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT FAST SWITCHING RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
RS2A THRU RS2M
CURRENT
2.0 Ampere
RATINGS AND CHARACTERISTIC CURVES RS2A THRU RS2M
COPPER PAD AREAS
0.27X0.27
″(7.0X7.0mm)
0
INDUCTIVE LOAD
50
LEAD TEMPERATURE,()
F1G.1-FORWARD CURRENT
DERATING CURVE
F1G.5-TYPICAL JUNCTION CAPACITANCE
100
10
1.0
REVRESE VOLTAGE, VOLTS
10
100
Vsig=50mVp-p
f=1MHz
T =25℃
J
FORWARD CHARACTERISTICS
F1G.3-TYPICAL INSTANTANEOUS
F1G.4-TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
FORWARD SURGE CURRENT
F1G.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
100
10
1
L
T =100℃
(JEDEC Method)
8.3ms Single Half Sine-Wave
50
3.0
2.0
1.0
60
70
80
90
100 110 120 130 140 150
P.C.B.MOUNTED
60Hz RESISTIVE OR
40
20
30
10
0
1.8
0.6
0.4
0.01
0.1
1.0
10
T =25℃
Pulse Width=300us
1% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
100
10
1.0
0.1
0
100
80
60
40
20
J
T =125℃
160
J
0.8
1.0
1.2
1.4
1.6
20
T =25℃
J


Similar Part No. - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2D SSE-RS2D Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Chongqing Pingwei Enter...
RS2D CHONGQING-RS2D Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Diotech Company.
RS2D DIOTECH-RS2D Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
RS2D YINT-RS2D Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Vishay Siliconix
RS2D VISHAY-RS2D Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
More results

Similar Description - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
   Surface-Mount Fast Switching Rectifier
01-Jan-2022
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
   Surface Mount FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com