Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS205 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # RS205
Description  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RS205 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  RS205 Datasheet HTML 1Page - MIC GROUP RECTIFIERS RS205 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
RS201 THRU RS207
KBP005 THRUKBP10
CURRENT
2.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1
-
0.600(15.2)
0.726(14.2)
0.039(1.0)
0.055(1.4)
0.60(15.2)MIN
0.034(0.86)DIA.
0.028(0.71)TYP.
AC
+
0.20(5.1)
0.18(4.6)
0.160(4.1)
0.140(3.6)
0.5( 2.7)MIN
0.460(11.7)
0.420(10.7)
Dimensions in inches and (millimeters)
FEATURES
Low cost
This series in UL recognized under component
index, file number E127707
High forward surge current capacity
Ideal for printed circuit board
High temperature soldering guaranteed:
260
OC / 10 seconds, 0.375”(9.5mm) lead length
at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Transfer molded plastic
Terminal: Lead solderable per MIL-STD-202E
method 208C
Polarity: Polarity symbols marked on case
Mounting position: Any.
Weight: 0.069 ounce, 1.95gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
RS201
KBP005
RS202
KBP01
RS203
KBP02
RS204
KBP04
RS205
KBP06
RS206
KBP08
RS207
KBP10
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, at TA=50℃(Note2)
I(AV)
2.0
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
50
Amps
Rating for Fusing (t<8.3mS)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage Drop
per Bridge element at 1.0 A
VF
1.0
Volts
TA = 25 ℃
10
µA
Maximum DC Reverse Current
at Rated
DC Blocking Voltage per element
TA = 100 ℃
IR
0.5
mA
Typical Junction Resistance per element(Note1)
Cj
20
Volts
Typical Thermal Resistance per element (Note2)
RθJA
28
℃/W
Operating and Storage Temperature Rang
TSTG .TJ
-55 to +150
Notes:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.
Unit mounted on P.C.board with 0.47”x0.47”(12x12cm) copper pads.0.375”(9.5mm) lead length.


Similar Part No. - RS205

ManufacturerPart #DatasheetDescription
logo
Bytes
RS205 BYTES-RS205 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS205 SECOS-RS205 Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Suntan Capacitors
RS205 SUNTAN-RS205 Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Dc Components
RS205 DCCOM-RS205 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
RS205 SEMTECH_ELEC-RS205 Datasheet
179Kb / 1P
   SINGLE-PHASE SILICON BRIDGES
More results

Similar Description - RS205

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com