Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # S1A
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

S1A Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  S1A Datasheet HTML 1Page - MIC GROUP RECTIFIERS S1A Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
S1A THRU S1M
CURRENT
1.0 Ampere
Thick Copper Pad Areas
0.2X0.2
″(5.0X5.0mm)
0
0.2
0.6
0.4
0.8
1.0
160
140
120
100
80
60
40
20
Resistive or Inductive Load
0
LEAD TEMPERATURE,()
F1G.1-FORWARD CURRENT
DERATING CURVE
1.2
1,000
100
10
1
0.01
0.1
1.0
10
100
S1(A,J)
S1(K,M)
X0.5mil inches (0.013mm)
Thick Copper Land Areas
0.20X0.20
″(5.0X5.0mm)
Units Mounted on
T, PULSE DURATION (SEC.)
F1G.6-TRANSIENT THERMAL IMPEDANCE
F1G.5-TYPICAL JUNCTION CAPACITANCE
100
10
1.0
0.1
0.01
REVRESE VOLTAGE,(V)
1
10
100
Vsig=50mVp-p
f=1MHz
T =25℃
J
INSTANTANEOUS FORWARD VOLTAGE,(V)
FORWARD CHARACTERISTICS
F1G.3-TYPICAL INSTANTANEOUS
1% Duty Cycle
Pulse Width=300us
T =25℃
J
F1G.4-TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
J
T =25℃
T =75℃
J
J
T =125℃
FORWARD SURGE CURRENT
F1G.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
2.0
1.6
1.2
0.8
0
1.0
80
0.4
10
0.1
0.01
0.001
0.01
1.0
80
100
60
40
20
0
100
10
1
10
0.1
0
L
T =90℃
(JEDEC Method)
8.3ms Single Half Sine-Wave
0
10
100


Similar Part No. - S1A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
S1A SY-S1A Datasheet
234Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
S1A TAYCHIPST-S1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
General Semiconductor
S1A GE-S1A Datasheet
80Kb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - S1A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
logo
Zowie Technology Corpor...
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GNOA GOOD-ARK-GNOA Datasheet
190Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL34A VISHAY-GL34A Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com