Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWA2415CS-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # PWA2415CS-2W
Description  DUAL/SINGLE OUTPUT, DC/DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWA2415CS-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  PWA2415CS-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWA2415CS-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
PWA_CS-2W & PW B_CS-2W
A/2-2008
Page 2 of 2
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Short circuit protection
Continuous ,Automatic Recovery
Case material
Plastic(UL94-V0)
MTBF
1000
K hours
Weight
5.8
g
TYPICAL TEMPERATURE CURVE
Operating Temp.(
)
C
100
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
FO OT PRIN T D ETAILS
R ECOM MEND ED F OO TPRI NT
Top view,grid:2.54m m(0.1inch),
diameter:1.00mm (0.039inch)
D ual Output & S ingle Output
Pin
Single
D ual
1
2
3
9
GND
Vin
+Vo
NC
0V
7
8
6
CTRL
-Vo
GND
Vin
+Vo
NC
0V
CTRL
26.00(1.024)
N C:No C onnec tion
First Angle Pr oje ction
3
9
(Botto m View)
(Side View)
NC
N ote:
U nit:mm (inc h)
Pin s ection:0.50*0.30mm (0.020*0 .012inch)
Pin tolerances: 0.10mm ( 0.004inch)
General toleranc es : 0.25m m( 0.010inch)
9
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be operated
under no load! If the actual output power is very small, please connect a resistor with proper
resistance at the output end in parallel to increase the load, or use our company
’s products with
a lower rated output power.
TRL Terminal
When open or
high impedance, the converter work well; When this pin is
‘high’; the
converter
shutdown;
It
should
be
note
that
the
input
current
should
between
5-10mA,exceeding the maximum 20mA will cause permanence damage to the converter. The
value of R can be derived as follows:
R=
Recommended Circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Single output
+Vo
0V
Cout
C1
Vin
G ND
2
1
6
9
3
Li
Vc
R
Ic
C2
D1
Dual output
+Vo
0V
Cout
C1
Vin
G ND
2
1
3
Vc
R
Li
Cout
-Vo
6
7
9
Ic
C2
D1
(Figure 1)
However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too
big, a startup problem might arise. For every
channel of output, provided the safe and reliable
operation is ensured, the greatest capacitance of
its filter capacitor sees (Table 1). General:
Cin:10-100uF
Cout:100uF
Lin:4.7-120uH
Output External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cou
(uF)
3.3
2200
±5
680
5
1000
±9
470
9
680
±12
330
12
470
±15
220
15
220
-
-
Input current
Nominal input voltage range. The input current
of the power supply must be sufficient to the
startup current (Ip) of the DC/DC module (Figure
2).General:
Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.
IC
Vc-VD-1.0


Similar Part No. - PWA2415CS-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWA2415D-1W5 MORNSUN-PWA2415D-1W5 Datasheet
325Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
PWA2415LT-1W5 MORNSUN-PWA2415LT-1W5 Datasheet
115Kb / 2P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
PWA2415LT-1W5 MORNSUN-PWA2415LT-1W5 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
PWA2415MD-1W5 MORNSUN-PWA2415MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2415MD-3W MORNSUN-PWA2415MD-3W Datasheet
135Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - PWA2415CS-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com