Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWA4805MD-1W5 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PWA4805MD-1W5
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWA4805MD-1W5 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PWA4805MD-1W5 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWA4805MD-1W5 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice
PWA_(M)D-1W5 & PWB_(M)D-1W5
A/0-2008
Page 1 of 2
PWA_(M)D-1W5&PWB_(M)D-1W5 Series
1.5W, WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal Range
Max*
No-load
(mA)(typ)
Voltage
(VDC)
Max
Min
Efficiency
(%,typ.)
PWA2405(M)D-1W5
±5
±150
±15
74
PWA2412(M)D-1W5
±12
±63
±6
78
PWA2415(M)D-1W5
±15
±50
±5
79
PWB2403(M)D-1W5
3.3
500
50
72
PWB2405(M)D-1W5
5
300
30
74
PWB2409(M)D-1W5
9
167
17
76
PWB2412(M)D-1W5
12
125
12
78
PWB2415(M)D-1W5
24
9.0-36
40
16
15
100
10
80
PWA4805(M)D-1W5
±5
±150
±15
74
PWA4812(M)D-1W5
±12
±63
±6
78
PWA4815(M)D-1W5
±15
±50
±5
80
PWB4803(M)D-1W5
3.3
500
50
72
PWB4805(M)D-1W5
5
300
30
74
PWB4809(M)D-1W5
9
167
17
76
PWB4812(M)D-1W5
12
125
12
78
PWB4815(M)D-1W5
48
18-72
80
8
15
100
10
80
* Input voltage over it may cause permanent damage to the device.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Power
See below products program
0.15
1.5
W
Positive Voltage accuracy
Refer to recommended circuit
±1
±3
Negative Voltage accuracy Refer to recommended circuit
±3
±5
Load Regulation
From 10% to 100% load
±0.5
±2*
Line Regulation
Input voltage from low to high
±0.2
±0.75
%
Temperature Drift
Refer to recommended circuit
±0.03
%/
°C
Ripple**
20MHz bandwidth
20
50
Noise**
20MHz bandwidth
50
100
mVp-p
Switching Frequency
100% load, nominal input voltage
300
KHz
* Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Wide input voltage(4:1)
Operating Temperature: -40
°C to +85°C
1500VDC Input/Output Isolation
Short Circuit Protection(automatic recovery)
Internal SMD construction
No external component required
No Heat Sink Required
Industry Standard Pinout
Five-sided shielding package(PWA/B_MD)
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The PWA_(M)D-1W5&PWB_(M)D-1W5 Series
are specially designed for applications where a
wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤ 4:1);
2) Where isolation is necessary between input
and output (Isolation Voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
PWA2412D-1W5
Produ ct Se ries
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details.


Similar Part No. - PWA4805MD-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWA4805MD-1W5 MORNSUN-PWA4805MD-1W5 Datasheet
325Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - PWA4805MD-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com