Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4805MP-12W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB4805MP-12W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4805MP-12W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB4805MP-12W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4805MP-12W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
URB_MP-12W
A/0-2008
Page 1 of 2
URB_MP-12W Series
12W, WIDE INPUT, ISOLATED & REGULATED
SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal Range Max**
No-load
(typ, mA)
Voltage
(VDC)
Max
Min
Capacitance
(Max,uF)
Efficiency
(%, Typ)
URB2403MP-12W
55
3.3
3500
0
3000
85
URB2405MP-12W *
55
5
2400
0
2000
86
URB2412MP-12W *
25
12
1000
0
500
86
URB2415MP-12W *
24
9-36
40
25
15
800
0
400
86
URB4803MP-12W *
20
3.3
3500
0
3000
85
URB4805MP-12W *
20
5
2400
0
2000
87
URB4812MP-12W *
10
12
1000
0
500
87
URB4815MP-12W *
48
18-75
80
10
15
800
0
400
88
*Designing.
**Input voltage can
’t exceed this value, or will cause the permanent damage.
INPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Start-up time
Input voltage range refer to output load
500
mS
DC-DC Module ON
8.8
9
Nominal input(24V)
DC-DC Module OFF
8.3
8.5
DC-DC Module ON
17
17.5
Under Voltage protection
Nominal input(48V)
DC-DC Module OFF
16.5
17
VDC
3
40
VDC
DC-DC Module ON
Or open circuit
CTRL
DC-DC Module OFF
0
1.2
VDC
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Power
25
°C environment temperature
12
W
Ripple& Noise
20MHz Bandwidth
85
mV
Switching Frequency
From 10% to 100% load
350
400
450
KHz
Output Voltage Accuracy Input voltage range refer to output load
±1
±3
Voltage regulation
Input voltage from low to high
±0.2
±0.5
Load Regulation
Nominal input,10% to 100% load
±0.5
±1.5
%
Temperature Drift(Vout)
25
°C environment temperature
0.02
%/
°C
3.3
4.3
5
6
12
13
Over voltage protection
Output voltage
(VDC)
15
16
VDC
Short circuit protection
Continuous, automatic recovery
FEATURES
Efficiency up to 88%
Wide (4:1) Input Range
12W Rated Power Output
1.5KVDC Input/Output Isolation
Operating Temperature: -40
°C to+85°C
DIP24 Package
Industry Standard Pinout
Five-sided Metal Shielding Package
Over Voltage Protection
Output Short Circuit Protection
Remote ON/OFF
APPLICATIONS
The URB_MP-12W Series are particularly
suited to data transfer equipments, battery
operated equipments, tele-communication
equipments, distributed power system, mix
analog/digital
system,
remote
control
system, industrial robot system and other
wide input voltage application fields.
MODEL SELECTION
URB2403MP-12W
Product Ser ies
Input Voltage
Output Voltage
Package Style
Rated P ower
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - URB4805MP-12W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4805MT-3WR3 MORNSUN-URB4805MT-3WR3 Datasheet
1Mb / 5P
   Ultra wide input voltage rang
More results

Similar Description - URB4805MP-12W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com