Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA0512ZP-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRA0512ZP-6W
Description  DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA0512ZP-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRA0512ZP-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA0512ZP-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_ZP-6W & WRB_ZP-6W
A/2-2008
Page 1 of 2
WRA_ZP-6W & WRB_ZP-6W Series
6W, WIDE INPUT, ISOLATED & REGULATED
DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA0505ZP-6W
±5
±600
±60
76
WRA0512ZP-6W
±12
±250
±25
80
WRA0515ZP-6W
±15
±200
±20
82
WRB0505ZP-6W
5
1200
120
76
WRB0512ZP-6W
12
500
50
80
WRB0515ZP-6W
15
400
40
82
WRB0524ZP-6W
5
4.5-9
11
24
250
25
83
WRA1205ZP-6W
±5
±600
±60
78
WRA1212ZP-6W
±12
±250
±25
82
WRA1215ZP-6W
±15
±200
±20
84
WRB1203ZP-6W
3.3
1500
150
77
WRB1205ZP-6W
5
1200
120
78
WRB1212ZP-6W
12
500
50
82
WRB1215ZP-6W
15
400
40
84
WRB1224ZP-6W
12
9-18
20
24
250
25
83
WRA2405ZP-6W
±5
±600
±60
80
WRA2412ZP-6W
±12
±250
±25
84
WRA2415ZP-6W
±15
±200
±20
86
WRB2403ZP-6W
3.3
1500
150
79
WRB2405ZP-6W
5
1200
120
80
WRB2412ZP-6W
12
500
50
84
WRB2415ZP-6W
15
400
40
86
WRB2424ZP-6W
24
18-36
40
24
250
25
85
WRA4805ZP-6W
±5
±600
±60
80
WRA4812ZP-6W
±12
±250
±25
84
WRA4815ZP-6W
±15
±200
±20
86
WRB4805ZP-6W
5
1200
120
80
WRB4812ZP-6W
12
500
50
84
WRB4815ZP-6W
15
400
40
86
WRB4824ZP-6W
48
36-72
80
24
250
25
85
* Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Power
See below products program
0.6
6
W
Positive Voltage Accuracy
Refer to recommended circuit
±1
±3
Negative Voltage Accuracy
Refer to recommended circuit
±3
±5
Load Regulation
From 10% To 100% load
±0.5
±1*
Line Regulation(at full load) Input voltage from low to high
±0.2
±0.5
%
Temperature Drift(Vout)
Refer to recommended circuit
0.02
%/
°C
Ripple**
20MHz bandwidth
20
50
Noise**
20MHz bandwidth
50
100
mVp-p
Switching Frequency
100% load, nominal Input voltage
300
KHz
FEATURES
Efficiency up to 86%
Wide (2:1) Input Range
1.5KVDC Input/Output Isolation
Short circuit protection(automatic recovery)
Operating Temperature: -40
°C to +85°C
Internal SMD construction
Metal Shielding Package
No Heat Sink Required
Industry-Standard Pinout
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The WRA_ZP-6W & WRB_ZP-6W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range (voltage range
≤2:1);
2) Where isolation is necessary between input
and output(Isolation Voltage
≤1500VDC);
3) Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
WRB2405ZP-6W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - WRA0512ZP-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA0512ZP-3W MORNSUN-WRA0512ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
WRA0512ZP-3WR2 MORNSUN-WRA0512ZP-3WR2 Datasheet
241Kb / 6P
   DC/DC Converter
More results

Similar Description - WRA0512ZP-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com