Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URB4812D-10W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB4812D-10W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4812D-10W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB4812D-10W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4812D-10W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
URA_D-10W & URA_D-10W
A/1-2008
Page 1 of 2
URA_D-10W & URB_D-10W Series
10W, 4:1 WIDE INPUT ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current(mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max
Efficiency
(%, Typ)
Capacitor
Load
max**
URA2405D-10W
±5
±1000
82
±680
URA2412D-10W
±12
±416
80
±330
URA2415D-10W
±15
±333
80
±110
URB2405D-10W
5
2000
80
2000
URB2412D-10W
12
830
84
690
URB2415D-10W
24
9-36
40
15
670
81
470
URA4805D-10W
±5
±1000
82
±680
URA4812D-10W
±12
±416
78
±330
URA4815D-10W
±15
±333
81
±110
URB4805D-10W
5
2000
81
2000
URB4812D-10W
12
830
84
690
URB4815D-10W
48
18-75
80
15
670
84
470
*Input voltage can
’t exceed this value, or will cause the permanent damage.
**Test by nominal Vin and constant resistive load.
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead Temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
50
°C
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC)
1000
M
Ω
Isolation capacitance
(Input/Output)
1000
PF
No-load power consumption
500
mW
Cooling
Free Air Convection
Short circuit protection
Continuous, automatic recovery
Case Material
Aluminium alloy
MTBF
1000
K hours
Weight
19
g
Operating Temperature: -40
°C to +85°C
I/O-Isolation 1.5KVDC
Metal shielding Package
No Heat sink Required
Industry Standard Pin out
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The URA_D-10W/ URB_D-10W Series are
specially designed for applications where a
wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power
supply is wide range (voltage range
≤4:1);
2) Where isolation is necessary between
input
and
output
(Isolation
voltage
1500VDC);
3) Where the regulation of the output
voltage and the output ripple noise are
demanded.
MODEL SELECTION
URB2405D-10W
Product S eries
Inp ut Vol tage
Output Voltage
Pac ka ge Sty le
Rated P ower
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - URB4812D-10W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4812D-30W MORNSUN-URB4812D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
URB4812D-30WR2 MORNSUN-URB4812D-30WR2 Datasheet
1Mb / 7P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
URB4812D-5W MORNSUN-URB4812D-5W Datasheet
111Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - URB4812D-10W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com