Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRB2415LD-15W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # VRB2415LD-15W
Description  SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB2415LD-15W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  VRB2415LD-15W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB2415LD-15W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB2415LD-15W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
VRA_LD-15W & VRB_LD-15W
A/4-2009
Page 3 of 3
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
50.80 [2.000]
20.32 [0.800]
4.10 [0.161]
1
6
2
3
4
5
1
2
65
4
3
2.54 [0.100]
20.32 [0.800]
54.30 [2.138]
13.00 [0.512]
1
3
2
4
5
Trim
Vin
GND
-Vo
+Vo
0V
6
Vin
GND
0V
+Vo
L=230mm[9.055inch]
Tube Quantity: 7pcs
∅∅
1.20 [
0.047]
1.00 [0.039]
Ctrl
Ctrl
Pin
Single
D ual
FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin diameter tolerances: 0.10mm[ 0.004inch]
General tolerances: 0.25mm[ 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances: 0.50mm[ 0.020inch]
(Side View)
(Bottom View)
Note:
1. All specifications are measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.
3. Only typical model listed. Non-standard models will be different from the above, please contact us for more details.
4. The products cannot be used in parallel and in plug and play.
5. The CTRL control pin voltage is referenced to GND.
6. Capacitor MAX load tested at nominal input voltage and constant resistive load.
7. Refer to the diagram of Output Voltage trim up/down for trim applications.


Similar Part No. - VRB2415LD-15W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2415LD-15WR2 MORNSUN-VRB2415LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING,
VRB2415LD-15WR3 MORNSUN-VRB2415LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
More results

Similar Description - VRB2415LD-15W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com