Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB1215ZP-6W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRB1215ZP-6W
Description  DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1215ZP-6W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRB1215ZP-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1215ZP-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_ZP-6W & WRB_ZP-6W
A/2-2008
Page 2 of 2
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Copper, Nickel Plated
Isolation voltage
Tested for 1 minute and 1 mA max 1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
No-load power consumption
500
mW
MTBF
1000
K hours
Weight
17
g
Note:
1.All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2.See below recommended circuits for more details.
TYPICAL CHARECTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
Safe Operating Area
OUTLINE DIMENSIONS & PIN CONNECTIONS
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
Note:
Unit:mm(inch)
Pin diameter:0.50mm(0.020inch)
Pin diameter tolerances: 0.05mm( 0.002inch)
General tolerances: 0.25mm( 0.010inch)
Dual Output
Single Output
First Angle Projection
FOOTPRINT DETAILS
Pin
Single
Dual
NC:No Connection
23
9
11
14
16
GND
Vin
+Vo
0V
-Vo
No Pin
2 3
9
11
14
16
22
23
32.00(1.260)
2 3
9
11
14
16
22
23
2 3
22
23
11
14
16
22
23
NC
GND
Vin
+Vo
0V
22.86(0.900)
15.24(0.600)
0V
(Bottom View)
(Side Vie w)
APPLICATION NOTE
Requirement On Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the
specified range of input voltage is not exceeded, the minimum output load no less than 10%
load. If the actual load is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly. If the actual output power is very
small, please add an appropriate resistor as extra loading, or contact our company for other
lower output power products.
Recommended Circuit
All
the WRA_ZP-6W&WRB_ZP-6W
Series
have been tested according to the following
recommended
testing
circuit
before
leaving
factory. This series should be tested under load.
Never be tested under no load (see Figure 1).
DC
DC
Vin
GND
+Vout
0V
C in
Vin
GND
+Vout
0V
Cin
DC
DC
-Vout
Dual Output
Single Output
(Figure 1)
If you want to further decrease the input/output
ripple, you can increase capacitance properly or
choose capacitors with low ESR. However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of output,
provided the safe and reliable operation is
ensured, the greatest capacitance of its filter
capacitor sees (Table 1). General:
Cin:
5V&12V
100
μF
24V&48V
10
μF-47μF
Cout:10
μF/100mA
Output External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
3.3
2200
±5
680
5
1000
±9
470
9
680
±12
330
12
470
±15
220
15
330
24
220
Input Current
When it is used in unregulated power supply,
be sure that the fluctuating range of the power
supply and the rippled voltage do not exceed the
module standard. Input current of power supply
should afford the startup current of this kind of
DC/DC module (See figure 2), General:
Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.


Similar Part No. - WRB1215ZP-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB1215ZP-3W MORNSUN-WRB1215ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
WRB1215ZP-3WR2 MORNSUN-WRB1215ZP-3WR2 Datasheet
241Kb / 6P
   DC/DC Converter
More results

Similar Description - WRB1215ZP-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com