Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT601S0575 Datasheet(PDF) 1 Page - Faraday Technology

Part # LT601S0575
Description  CCIR REC.601 FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

LT601S0575 Datasheet(HTML) 1 Page - Faraday Technology

  LT601S0575 Datasheet HTML 1Page - Faraday Technology LT601S0575 Datasheet HTML 2Page - Faraday Technology LT601S0575 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA009d
Page 1 of 2
Dec-99(C)
Designed to meet the CCIR Recommendation 601 for 4:2:2 studio systems, these filters are for use in Y.U.V. format
Component processing.
Using specially written software and careful attention to component layout, the very stringent parameters for pre and
post filtering have been achieved in a Single In Line encapsulated module.
The latest state-of-the-art network analysers are used to align the filters and to ensure the highest quality control in
order to meet the specifications. This range also provides integer number of clock cycle between luminance and
chrominance filters with reconstruction delay accounted for to assist in equalisation of delay between channels.
PRE FILTER
POST FILTER
LUMINANCE
LT601F0575
LT601S0575
End Of Passband
5.75 MHz
5.75 MHz
Passband Amplitude Ripple
0.05 dB to 5.5 MHz
0.1 dB to 5.75 MHz
0.05 dB to 5.5 MHz
1
0.1 dB to 5.75 MHz
1
> 12 dB wrt 100 kHz at
6.75 MHz
6.75 MHz
1
> 40 dB wrt 100 kHz at
8.0 MHz
8.0 MHz
Group Delay Ripple wrt delay at 200 kHz
+ 3 ns to 5.75 MHz
+ 3 ns to 5.75 MHz
Insertion Loss at 100 kHz
< 1.5 dB
< 4.5 dB
Delay Time at 200 kHz
760 ns + 5 ns
758 ns + 5 ns
Impedance
75 ohms
75 ohms
Aqueous Washable
Yes
Yes
Package
DR00075B
DR00075B
1 measured against sinx/x roll off for a 13.5 MHz sampling frequency.
COLOUR DIFFERENCE
LT601F0275
LT601S0275
End Of Passband
2.75 MHz
2.75 MHz
Passband Amplitude Ripple
0.1 dB to 2.75 MHz
0.1 dB to 2.75 MHz
2
> 6 dB wrt 100 kHz at
3.375 MHz
3.375 MHz
2
> 40 dB wrt 100 kHz at
4.0 MHz
4.0 MHz
Group Delay Ripple wrt delay at 200 kHz
+ 6 ns to 2.75 MHz
+ 6 ns to 2.75 MHz
Insertion Loss at 100 kHz
< 1.5 dB
< 4.5 dB
Delay Time at 200 kHz
1500 ns + 5 ns
1461 ns + 5 ns
Impedance
75 ohms
75 ohms
Aqueous Washable
Yes
Yes
Package
DR00075B
DR00075B
2 measured against sinx/x roll off for a 6.75 MHz sampling frequency.
CCIR REC.601 FILTERS
SINGLE IN LINE


Similar Part No. - LT601S0575

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT601 SEOUL-LT601 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LT601 SEOUL-LT601 Datasheet
360Kb / 13P
   CYAN LAMP LED
LT601 SEOUL-LT601 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT601 SEOUL-LT601 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT601 SEOUL-LT601 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LT601S0575

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
ULF FARADAY-ULF Datasheet
51Kb / 3P
   CCIR REC.601 FILTERS
L601F0575 FARADAY-L601F0575 Datasheet
115Kb / 2P
   CCIR REC.601 FILTERS
L601F0767 FARADAY-L601F0767 Datasheet
50Kb / 2P
   CCIR REC.601 FILTERS
601F0767 FARADAY-601F0767 Datasheet
44Kb / 2P
   601 FILTERS
FL594 FARADAY-FL594 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
logo
STMicroelectronics
STI3500A STMICROELECTRONICS-STI3500A Datasheet
7Mb / 72P
   MPEG-2/CCIR 601 VIDEO DECODER
logo
Analog Devices
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
logo
Faraday Technology
601F0575 FARADAY-601F0575 Datasheet
81Kb / 2P
   ITU-R BT. 601 FILTERS
logo
Analog Devices
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com