Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB1209SP-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRB1209SP-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1209SP-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRB1209SP-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1209SP-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_SP-3W & WRB_SP-3W
A/1-2008
Page 2 of 2
COMMON SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
No-load power consumption
0.2
W
Isolation voltage
Tested for 1 minute and 1 mA max 1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation Capacitance
Input/Output
100
pF
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Aluminium alloy
MTBF
1000
K hours
Weight
15
g
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2.See below recommended circuits for more details.
TYPICAL CHARACTERISTICS
Operating Temp.(
)
C
100
OUTLINE DIMENSIONS& PIN CONNECTIONS
FOOTPRINT DETAILS
Pin
Single
Dual
Note:
Unit:mm(inch)
Pin diameter:0.80m m(0.031inch)
Pin diameter toleranc es: 0.05mm( 0.002inc h)
General to lerances: 0.25mm( 0.010inch)
5
4
1
2
3
Vin
+Vo
0V
Vin
GND
+Vo
-Vo
No Pin
0V
GND
First Angle Projec tion
35.00
2.90
2
1
3
5
4
29.21(1.150)
(1.378)
(0.11 4)
0.50
(0.020)
(Bottom View)
(Side View)
APPLICATION NOTE
Requirement on output load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure
the specified range of input voltage is not exceeded, the minimum output load no less than
10% load. If the actual load is less than the specified minimum load, the output ripple may
increase sharply while its efficiency and reliability will reduce greatly. If the actual output
power is very small, please add an appropriate resistor as extra loading, or contact our
company for other lower output power products.
Recommended Circuit
All the WRA_SP-3W & WRB_SP-3W Series
have been tested according to the following
recommended testing circuit
before leaving
factory (Figure 1). This series should be tested
under load.
DC
DC
Vin
GND
+Vout
0V
Cin
Vin
GND
+Vout
0V
Cin
DC
DC
-Vout
Single Output
(Figure 1)
If
you
want
to
further
decrease
the
input/output
ripple,
you
can
increase
capacitance properly or choose capacitors with
low ESR. However, the capacitance of the
output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe and reliable operation is ensured, the
greatest capacitance of its filter capacitor sees
(Table 1). General:
Cin:
5V&12V
100
μF
24V&48V
10
μF-47μF
Cout: 10
μF/100mA
Output External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
5
1000
±5
680
9
680
±9
470
12
470
±12
330
15
330
±15
220
24
220
-
-
Input Current
When it is used in unregulated power supply,
be sure that the fluctuating range of the power
supply and the rippled voltage do not exceed the
module standard. Input current of power supply
should afford the startup current of this kind of
DC/DC module. (Figure 2)
General: Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.


Similar Part No. - WRB1209SP-3W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
WRB1209S-1W REICU-WRB1209S-1W Datasheet
1Mb / 1P
   DC/DC CONVERTER
REV:3.1
logo
MORNSUN Science& Techno...
WRB1209S-1WR2 MORNSUN-WRB1209S-1WR2 Datasheet
807Kb / 7P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB1209S-1WR2 MORNSUN-WRB1209S-1WR2 Datasheet
1Mb / 6P
   DC/DC Converter
WRB1209S-2W MORNSUN-WRB1209S-2W Datasheet
244Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
WRB1209S-2W REICU-WRB1209S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
More results

Similar Description - WRB1209SP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com