Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB2405SP-3W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRB2405SP-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB2405SP-3W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRB2405SP-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB2405SP-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_SP-3W & WRB_SP-3W
A/1-2008
Page 1 of 2
WRA_SP-3W & WRB_SP-3W Series
3W, WIDE INPUT, IAOLATED & REGULATED
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA0505SP-3W
±5
±300
±30
68
WRA0509SP-3W
±9
±166
±16
70
WRA0512SP-3W
±12
±125
±12
72
WRA0515SP-3W
±15
±100
±10
71
WRB0505SP-3W
5
600
60
68
WRB0509SP-3W
9
333
33
70
WRB0512SP-3W
12
250
25
72
WRB0515SP-3W
5
4.5-9
11
15
200
20
71
WRA1205SP-3W
±5
±300
±30
74
WRA1209SP-3W
±9
±166
±16
76
WRA1212SP-3W
±12
±125
±12
78
WRA1215SP-3W
±15
±100
±10
79
WRB1205SP-3W
5
600
60
76
WRB1209SP-3W
9
333
33
78
WRB1212SP-3W
12
250
25
80
WRB1215SP-3W
15
200
20
79
WRB1224SP-3W
12
9-18
22
24
125
12
81
WRA2405SP-3W
±5
±300
±30
78
WRA2409SP-3W
±9
±166
±16
80
WRA2412SP-3W
±12
±125
±12
82
WRA2415SP-3W
±15
±100
±10
81
WRB2405SP-3W
5
600
60
78
WRB2409SP-3W
9
333
33
80
WRB2412SP-3W
12
250
25
82
WRB2415SP-3W
15
200
20
81
WRB2424SP-3W
24
18-36
40
24
125
12
80
WRA4805SP-3W
±5
±300
±30
78
WRA4809SP-3W
±9
±166
±16
79
WRA4812SP-3W
±12
±125
±12
80
WRA4815SP-3W
±15
±100
±10
81
WRB4805SP-3W
5
600
60
78
WRB4809SP-3W
9
333
33
79
WRB4812SP-3W
12
250
25
80
WRB4815SP-3W
15
200
20
81
WRB4824SP-3W
48
36-72
80
24
125
12
80
*Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification
listed.
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
Refer to product program
0.3
3
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
Negative voltage accuracy Refer to recommended circuit
±3
±5
Load regulation
From 10% to 100% load
±0.5
±1*
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple & Noise**
20MHz Bandwidth
75
150
mVp-p
Switching frequency
100% load, nominal input voltage
300
KHz
Wide (2:1) input range
Efficiency up to 82%
Short circuit protection(automatic recovery)
Operating temperature: -40
°C to +85°C
Internal SMD construction
1.5KVDC Isolation
Metal shielding package
No Heat sink required
No external component required
Industry standard Pinout
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The WRB_SP-3W & WRA_SP-3W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board. These
products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range: 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
WRB0512SP-3W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - WRB2405SP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB2405S-1W MORNSUN-WRB2405S-1W Datasheet
244Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
WRB2405S-1W REICU-WRB2405S-1W Datasheet
1Mb / 1P
   DC/DC CONVERTER
REV:3.1
logo
MORNSUN Science& Techno...
WRB2405S-1WR2 MORNSUN-WRB2405S-1WR2 Datasheet
807Kb / 7P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2405S-1WR2 MORNSUN-WRB2405S-1WR2 Datasheet
1Mb / 6P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
WRB2405S-2W REICU-WRB2405S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Single/Double Output SIP-Package
REV:3.1
More results

Similar Description - WRB2405SP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com