Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM316EFRM-S1 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM316EFRM-S1
Description  Copper-to-Fiber Media Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316EFRM-S1 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM316EFRM-S1 Datasheet HTML 1Page - MRV Communications, Inc. EM316EFRM-S1 Datasheet HTML 2Page - MRV Communications, Inc. EM316EFRM-S1 Datasheet HTML 3Page - MRV Communications, Inc. EM316EFRM-S1 Datasheet HTML 4Page - MRV Communications, Inc. EM316EFRM-S1 Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Media Converters
Repeaters and Optimizers
sales@mrv.com
and equipment. Fiber Driver IP-Less™ media converters
are a simpler, cost-effective, and powerful alternative to
traditional IP/SNMP solutions for remote optical Ethernet
link management.
Fiber Driver media converters with remote management
are available for multi-mode as well as single-mode fiber
configurations. Multi-mode modules can span links up to
2 kilometers and single-mode modules can extend beyond
100 kilometers. Single fiber models combine transmit and
receive signals onto the same fiber to reduce the cost even
further for links up to 100 kilometers.
Contact a nearby authorized MRV Communications
representative or visit the MRV website at http://www.
mrv.com for additional information including prices and
availability.
Other significant module features include Link Integrity
Notification (LIN), remote loopback, and Last Gasp alerts.
LIN causes loss of link at any port of one module to disable
the other ports of the modules at each end of the affected
OE link to correctly propagate link status to dependent
network devices even at the functional end of a failed link.
Remote loopback adds to local loopback by verifying the
integrity of the entire link. Last Gasp notification sends a
management alert before the module shuts down in the
event of power loss.
WithoutinnovativeMRVtechnology,thesemodulefeatures
would involve expensive network devices and techniques
including management hardware supporting IP/SNMP at
each end of the link and inconvenient multiple IP address
assignments. To deal with compromised data channel
bandwidth and management security, other options
might include a VLAN or installation of duplicate fibers
Physical Specifications
Operating Temperature Range
0
0C to 500C (320F to 1220F)
Storage Temperature
-40
0C to 700C (-400F to 1580F)
Relative Humidity
85% maximum, non-condensing
Physical Dimensions
25 mm x 75 mm x 175 mm deep (1” x 3” x 7” deep)
Weight
120-240 g (4.2 - 8.5 oz) depending on configuration
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity;
RoHS Directive; China RoHS; WEEE Directive


Similar Part No. - EM316EFRM-S1

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316EFRMAHSH-5 MRV-EM316EFRMAHSH-5 Datasheet
330Kb / 3P
   Optical Ethernet Services Demarcation - 802.3ah
More results

Similar Description - EM316EFRM-S1

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com