Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM316E3-S2 Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # EM316E3-S2
Description  Copper to Fiber Media Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316E3-S2 Datasheet(HTML) 3 Page - MRV Communications, Inc.

  EM316E3-S2 Datasheet HTML 1Page - MRV Communications, Inc. EM316E3-S2 Datasheet HTML 2Page - MRV Communications, Inc. EM316E3-S2 Datasheet HTML 3Page - MRV Communications, Inc. EM316E3-S2 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Media Converters
Repeaters and Optimizers
sales@mrv.com
¹ Default connectors listed, other connectors are optional
² All specifications, distance claims and operational parameters are based on industry average fiber cable performance; 9µ Singlemode performance of 0.25 dB/km for 1550
nm and 0.5 dB/km for 1310 nm, and 62.5µ Multimode performance of 3 dB/km for 850 nm and 1.5 dB/km for 1300 nm. For non-standard fiber applications or additional
information contact MRV Communications
Ordering Information
Model
Function
Protocol
Connectors¹
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx.
Range² (km)
DUAL WAVELENGTH SINGLE FIBER
EM316WFC/S2
EM316WFT/S2
100Base-TX to100Base-FX Dual-
Wavelength Single Fiber SM
Fast Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
17 (@1310 nm)
0 - 30
EM316WFC/S3
EM316WFT/S3
100Base-TX to100Base-FX Dual-
Wavelength Single Fiber SM
Fast Ethernet
RJ-45/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
22 (@1310 nm)
0 - 45
EM316WFC/S2JR
EM316WFT/S2JR
100Base-TX to100Base-FX Dual-
Wavelength Single Fiber SM
Fast Ethernet
RJ-45/SC
1550 (Tx)/1310 (Rx)
1310 (Tx) 1550 (Rx)
17 (@1310 nm)
0 - 30
EM316WFC/S3JR
EM316WFT/S3JR
100Base-TX to100Base-FX Dual-
Wavelength Single Fiber SM
Fast Ethernet
RJ-45/SC
1550 (Tx)/1310 (Rx)
1310 (Tx) 1550 (Rx)
22 (@1310 nm)
0 - 45
Ordering Information
Model
Function
Protocol
Connectors¹
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx.
Range²(km)
DUAL WAVELENGTH SINGLE FIBER
EM316WO3C/S2
EM316WO3T/S2
OC3 MM to SM Single Fiber
OC3/STM-1
BNC/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
17 (@1310 nm)
0 - 30
EM316WO3C/S3
EM316WO3T/S3
OC3 MM to SM Single Fiber
OC3/STM-1
BNC/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
22 (@1310 nm)
0 - 45
Ordering Information
Model
Function
Protocol
Connectors¹
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx.
Range²(km)
DUAL WAVELENGTH SINGLE FIBER
EM316WDS3C/S2
EM316WDS3T/S2
DS3 Coax ( BNC) to Single Fiber
DS3
BNC/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
17 (@1310 nm)
0 - 30
EM316WDS3 /S3
EM316WDS3T/S3
DS3 Coax ( BNC) to Single Fiber
DS3
BNC/SC
1310 (Tx) 1550 (Rx)
1550 (Tx)/1310 (Rx)
22 (@1310 nm)
0 - 45
C


Similar Part No. - EM316E3-S2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316E3-S2 MRV-EM316E3-S2 Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
More results

Similar Description - EM316E3-S2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com