Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL477 Datasheet(PDF) 1 Page - Faraday Technology

Part # FL477
Description  Multimedia Reconstruction Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FL477 Datasheet(HTML) 1 Page - Faraday Technology

  FL477 Datasheet HTML 1Page - Faraday Technology FL477 Datasheet HTML 2Page - Faraday Technology FL477 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change
without notice
FARA053d
Page 1 of 2
Aug-05(D)
These filters are designed to be used with Half-band Interpolating/Decimating digital filters, for example the
TRW TMC2242, or with devices employing an output D/A which incorporates digital filters such as the
TRW Digital Video Encoder TMC22190.
The digital filters have good attenuation between the frequencies of Fs/4 and 3Fs/4 where Fs is the PXCK
(Master clock) rate and, combined with double speed oversampling, this simplifies the specification for the
analogue reconstruction and antialiasing pre filters as when the normal PXCK rate of 27 MHz is used there
is little signal energy between 6.75 MHz and 20.25 MHz.
To reconstruct the analogue signal an additional filter is required to attenuate the clock frequency and its
sidebands.
To preserve the integrity of the signal the analogue filter must have a passband similar to the requirement of
CCIR rec 601 but it does not need significant attenuation below 21 MHz.
An additional feature in the Faraday filters is a zero at 27 MHz to maximise suppression at the PXCK rate.
Sinx/x correction may be added by grounding one pin in the device.
FL476 / FL477 Low Cost
Multimedia Reconstruction Filters


Similar Part No. - FL477

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
FL47-12KM MINI-FL47-12KM Datasheet
653Kb / 6P
   Coaxial Cable
FL47-12KM++ MINI-FL47-12KM+ Datasheet
653Kb / 6P
   Coaxial Cable
FL47-12KMVM MINI-FL47-12KMVM Datasheet
659Kb / 6P
   Coaxial Cable
FL47-12KMVM++ MINI-FL47-12KMVM+ Datasheet
659Kb / 6P
   Coaxial Cable
FL47-12SSMP MINI-FL47-12SSMP Datasheet
650Kb / 6P
   Coaxial Cable
More results

Similar Description - FL477

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
AH1000 FARADAY-AH1000 Datasheet
47Kb / 2P
   ACTIVE HYBRID RECONSTRUCTION FILTERS
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
   Anti-aliasing and reconstruction filters
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com