Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLB0750 Datasheet(PDF) 1 Page - Faraday Technology

Part # FLB0750
Description  GENERAL PURPOSE LP FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FLB0750 Datasheet(HTML) 1 Page - Faraday Technology

  FLB0750 Datasheet HTML 1Page - Faraday Technology FLB0750 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA041d
Page 1 of 2
Dec-99(B)
STEEPNESS FACTOR 1.45
This range of 7-pole Elliptical Function Low Pass Filters is derived from a well proven, versatile
design for high transparency applications but is offered in a reduced size. The filters are corrected
for Group Delay beyond the passband edge (104%) thus minimising time domain ringing and for loss
distortion over the entire passband. Degradation of a composite video signal is minimal when a 4.5
MHz or 5.5 MHz filter is selected for a 525 or 625 line T.V. system.
Order Code
End of Passband
Start of Stopband
Group Delay Ripple
MHz
MHz
ns
FLB0275
2.75
4.00
20.0
FLB0300
3.00
4.35
18.5
FLB0350
3.50
5.08
16.0
FLB0400
4.00
5.80
14.0
FLB0450
4.50
6.53
12.5
FLB0500
5.00
7.25
11.0
FLB0550
5.50
7.98
10.0
FLB0600
6.00
8.70
9.5
FLB0650
6.50
9.43
8.5
FLB0700
7.00
10.15
8.0
FLB0750
7.50
10.88
7.5
FLB0800
8.00
11.16
7.0
FLB0850
8.50
12.33
6.5
FLB0900
9.00
13.05
6.5
FLB0950
9.50
13.78
6.0
FLB1000
10.00
14.50
5.5
Filters with other end of passband frequencies within the range can be supplied at no extra cost.
Order as FLB**** inserting the frequency required in place of the asterisk eg for 5.23 MHz FLB0523.
Other data
Impedance
75 ohms
Stopband attenuation wrt 100 kHz
> 45 dB
Amplitude ripple in passband
< 0.2 dB
Video performance for filters of 5.0 MHz (4.5 MHz for 525 line) and above.
Pulse and bar: K - rating
< 0.5%
Luminance/Chrominance Gain inequality (20T)
< 2%
Luminance/Chrominance Delay inequality
< 10 ns
Aqueous Washable
No
Package
DR00112A
FLB... SERIES
GENERAL PURPOSE LP FILTER


Similar Part No. - FLB0750

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
FLB1520T1 GWSEMI-FLB1520T1 Datasheet
897Kb / 2P
   Bi-directional TVS Diode Array
FLB2410D2 GWSEMI-FLB2410D2 Datasheet
870Kb / 3P
   Bi-directional TVS Diode Array
logo
AVX Corporation
FLBA6I0666K03 AVX-FLBA6I0666K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
FLBA6I0826K03 AVX-FLBA6I0826K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
FLBA6I0996K03 AVX-FLBA6I0996K03 Datasheet
174Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FLB0750

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
S17020G FARADAY-S17020G Datasheet
77Kb / 2P
   GENERAL PURPOSE LP FILTER
FF0200UD FARADAY-FF0200UD Datasheet
85Kb / 2P
   GENERAL PURPOSE LP FILTER
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2060-30-08 ETC2-FN2060-30-08 Datasheet
165Kb / 2P
   General-purpose filter
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
List of Unclassifed Man...
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
logo
Faraday Technology
FF0200J FARADAY-FF0200J Datasheet
126Kb / 2P
   GENERAL PURPOSE VIDEO FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com