Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT841A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT841A
Description  10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT841A Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT841A Datasheet HTML 1Page - Texas Instruments SN74ABT841A Datasheet HTML 2Page - Texas Instruments SN74ABT841A Datasheet HTML 3Page - Texas Instruments SN74ABT841A Datasheet HTML 4Page - Texas Instruments SN74ABT841A Datasheet HTML 5Page - Texas Instruments SN74ABT841A Datasheet HTML 6Page - Texas Instruments SN74ABT841A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54ABT841, SN74ABT841A
10-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS196D – FEBRUARY 1991 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK),
Ceramic Flat (W) Package, and Plastic (NT)
and Ceramic (JT) DIPs
description
The SN54ABT841 and SN74ABT841A 10-bit
latches are designed specifically for driving highly
capacitive or relatively low-impedance loads.
They are particularly suitable for implementing
buffer registers, I/O ports, bidirectional bus
drivers, and working registers.
The ten transparent D-type latches provide true
data at their outputs.
A buffered output-enable (OE) input can be used
to place the ten outputs in either a normal logic
state
(high
or
low
logic
levels)
or
a
high-impedance state. In the high-impedance
state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and
increased drive provide the capability to drive bus
lines without need for interface or pullup
components.
OE does not affect the internal operations of the latch. Previously stored data can be retained or new data can
be entered while the outputs are in the high-impedance state.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT841 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74ABT841A is characterized for operation from –40
°C to 85°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
10D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
LE
SN54ABT841 . . . JT OR W PACKAGE
SN74ABT841A . . . DB, DW, NT, OR PW PACKAGE
(TOP VIEW)
SN54ABT841 . . . FK PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
3Q
4Q
5Q
NC
6Q
7Q
8Q
3D
4D
5D
NC
6D
7D
8D
426
14 15 16 17 18
NC – No internal connection


Similar Part No. - SN74ABT841A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT841A TI-SN74ABT841A Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
SN74ABT841ADBLE TI-SN74ABT841ADBLE Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
SN74ABT841ADBR TI-SN74ABT841ADBR Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
SN74ABT841ADBRE4 TI-SN74ABT841ADBRE4 Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
SN74ABT841ADBRG4 TI-SN74ABT841ADBRG4 Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT841A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT29841 TI1-SN54BCT29841_08 Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT841ADBR TI-SN74ABT841ADBR Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com