Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF7425SP Datasheet(PDF) 1 Page - Faraday Technology

Part # HF7425SP
Description  LOW COST HDTV FILTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

HF7425SP Datasheet(HTML) 1 Page - Faraday Technology

  HF7425SP Datasheet HTML 1Page - Faraday Technology HF7425SP Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara225p
Page 1 of 2
Aug-05(C)
The HF range of low cost HDTV filters are available in a choice of miniature packages and give
near SMPTE 274M performance suitable for single pass or monitor applications.
Aqueous washable
Near SMPTE 274M performance
Ideal for monitor outputs
Pre and Post, Luminance and Chrominance filters
SIL or SMD package
Integer N
0 of clock delays between Luminance and Chrominance Filters
Filter Type
HF7425FP*
HF3712FP*
HF7425SP*
HF3712SP*
Filter Shape
Lowpass
Lowpass
Lowpass
Lowpass
Passband Shape
Flat
Flat
Sinx/x
Sinx/x
Sampling Frequency
74.25 MHz
37.125 MHz
74.25 MHz
37.125 MHz
Insertion Loss at 100 kHz
< 1.0 dB
< 1.0 dB
< 5.0 dB
< 5.0 dB
End Of Passband
29.7 MHz
14.85 MHz
29.7 MHz
14.85 MHz
Amplitude Ripple
< 0.1 dB to 29.0 MHz
< 0.15 dB to 29.7 MHz
< 0.1 dB to 14.5 MHz
< 0.15 dB to 14.85 MHz
< 0.2 dB
1 to 29.0 MHz
< 0.25 dB
1 to 29.7 MHz
< 0.2 dB
2 to 14.5 MHz
< 0.25 dB
2 to 14.85 MHz
> 12 dB Attenuation @
37.400 MHz
18.563 MHz
37.400 MHz
1
18.563 MHz
2
> 40 dB Attenuation @
44.550 MHz
22.275 MHz
44.550 MHz
22.275 MHz
Start Of Stopband
54.200 MHz
27.100 MHz
54.200 MHz
27.100 MHz
Stopband Attenuation
> 50 dB
> 50 dB
> 50 dB
> 50 dB
Stopband Measured to
100 MHz
100 MHz
100 MHz
100 MHz
Group Delay Ripple
<±4.5 ns to 20.0 MHz
<±6.4 ns to 29.7 MHz
<±8.0 ns to 10.0 MHz
<±12.0 ns to 14.8 MHz
<±4.5 ns to 20.0 MHz
<±6.4 ns to 29.7 MHz
<±8.0 ns to 10.0 MHz
<±12.0 ns to 14.8 MHz
Delay Time at 200 kHz
Integer N
0 of clock delays between Luminance
and Chrominance Filters
Integer N
0 of clock delays + reconstruction delay
between Luminance and Chrominance Filters
Impedance
75 ohms
75 ohms
75 ohms
75 ohms
Temperature Range
0°C to 70°C
0°C to 70°C
0°C to 70°C
0°C to 70°C
SMD Reflow Limitations
refer to Data Sheet Fara309
Aqueous Washable
Yes
Yes
Yes
Yes
1Measured against sinx/x roll off for a sampling frequency of 74.25 MHz
2Measured against sinx/x roll off for a sampling frequency of 37.125 MHz
Part Numbering
HF
Sampling
74.25 MHz – 7425
Package
DR00005A - A
Frequency 37.125 MHz – 3712
DR00291A - B
Passband
Sinx - S
Realisation
Passive - P
Shape
Flat – F
Example part number HF7425SPA is a passive, luminance, sinx/x corrected for a S.F. of 74.25
MHz packaged in a 11 pin SIL as DR00005A
HF SERIES
LOW COST HDTV FILTERS


Similar Part No. - HF7425SP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACB TDK-HF70ACB Datasheet
39Kb / 2P
   EMC Components
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
39Kb / 2P
   EMC Components
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
104Kb / 8P
   Chip Beads
HF70ACB201209-T TDK-HF70ACB201209-T Datasheet
104Kb / 8P
   Chip Beads
HF70ACB201209-TL TDK-HF70ACB201209-TL Datasheet
39Kb / 2P
   EMC Components
More results

Similar Description - HF7425SP

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
HGYFA FARADAY-HGYFA Datasheet
113Kb / 2P
   LOW COST HDTV FILTERS
HJYUVF FARADAY-HJYUVF Datasheet
66Kb / 2P
   LOW COST TRIPLE HDTV FILTERS
AH1175 FARADAY-AH1175 Datasheet
51Kb / 3P
   HDTV ANTIALIASING FILTERS
HA7425FP FARADAY-HA7425FP Datasheet
198Kb / 2P
   HA SERIES HDTV FILTERS
HD7425FPA FARADAY-HD7425FPA Datasheet
200Kb / 2P
   HD SERIES HDTV FILTERS
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
logo
Faraday Technology
HB7425F FARADAY-HB7425F Datasheet
129Kb / 2P
   HB SERIES HDTV FILTERS
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
logo
Faraday Technology
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
   LOW COST MONITOR FILTERS
TFM1350F FARADAY-TFM1350F Datasheet
71Kb / 2P
   LOW COST MONITOR FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com