Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF0850J Datasheet(PDF) 1 Page - Faraday Technology

Part # FF0850J
Description  GENERAL PURPOSE VIDEO FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FF0850J Datasheet(HTML) 1 Page - Faraday Technology

  FF0850J Datasheet HTML 1Page - Faraday Technology FF0850J Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA171d
Page 1 of 2
Dec-99(A)
STEEPNESS FACTOR 1.32
This range of 7-pole Elliptical Function low pass filters is similar to a type which has been successfully used in
Broadcasting for many years but is offered in a small size and at a reduced cost. The filters are corrected for group
delay distortion over 95% of the passband and for loss distortion over the entire passband. Degradation of a composite
video signal is minimal when a 4.5 MHz or 5.5 MHz filter is selected for a 525 or 625 line T.V. system.
Order Code
End of Passband
Nominal 3 dB
Start of Stopband
Group Delay Ripple
Delay Time
MHz
MHz
MHz
ns
ns
FF0200J*
2.00
2.15
2.65
50
1303
FF0250J*
2.50
2.68
3.32
40
1043
FF0300J*
3.00
3.22
3.98
33
870
FF0350J*
3.50
3.75
4.64
29
745
FF0400J*
4.00
4.29
5.30
25
652
FF0450J*
4.50
4.83
5.97
22
579
FF0500J*
5.00
5.36
6.63
20
521
FF0550J*
5.50
5.90
7.29
18
475
FF0600J*
6.00
6.44
7.96
17
434
FF0650J*
6.50
6.97
8.62
15
401
FF0700J*
7.00
7.51
9.28
14
372
FF0750J*
7.50
8.04
9.95
13
348
FF0800J*
8.00
8.58
10.60
13
326
FF0850J*
8.50
9.12
11.27
12
307
FF0900J*
9.00
9.65
11.94
11
290
FF0950J*
9.50
10.19
12.60
11
274
FF1000J*
10.00
10.73
13.26
10
261
* insert
suffix ‘D’ for DIP package eg FF0500JD
DR00019B
suffix ‘B’ for BNC package eg FF0500JB
DR00029A
Other data
Impedance
75 ohms
Insertion Loss
< 1.0 dB
Stopband attenuation wrt 100 kHz
> 45 dB
Amplitude ripple in passband
< 0.2 dB
Video performance for filters of 5.0 MHz (4.5 MHz for 525 line) and above.
Pulse and bar: K - rating
< 0.5 %
Luminance/Chrominance Gain inequality (20T)
< 2 %
Luminance/Chrominance Delay inequality
< 10 ns
Aqueous Washable
No
FF…J SERIES
GENERAL PURPOSE VIDEO FILTER


Similar Part No. - FF0850J

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FF0850L FARADAY-FF0850L Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0850M FARADAY-FF0850M Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0850P FARADAY-FF0850P Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0850UD FARADAY-FF0850UD Datasheet
85Kb / 2P
   GENERAL PURPOSE LP FILTER
More results

Similar Description - FF0850J

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SL0200J FARADAY-SL0200J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL0200A FARADAY-SL0200A Datasheet
41Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
logo
List of Unclassifed Man...
6LF8 ETC2-6LF8 Datasheet
75Kb / 1P
   VIDEO AMPLIFIER, GENERAL PURPOSE AMPLIFIER
FN2060-30-08 ETC2-FN2060-30-08 Datasheet
165Kb / 2P
   General-purpose filter
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
Faraday Technology
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com