Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF166C Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SFF166C
Description  SUPER FAST GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SFF166C Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SFF166C Datasheet HTML 1Page - MIC GROUP RECTIFIERS SFF166C Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 400 Volts
SFF161C THRU SFF166C
CURRENT
16.0 Ampere
FEATURES
Super fast switching speed
Glass passivated chip junction
Low power loss, high efficiency
Low leakage
High surge capacity
High temperature soldering guaranteed
250℃/10 second, 0.16″(4.06mm) lead length
Also available with common Anode, add an “A” suffix,
i.e. SFF161CA, add as a doubler, add a “D” suffix,
i.e. SFF161CD
Also available in the single chip version, SFF81
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202E method 208C
Polarity: as marked
Mounting position: Any, 5 in-lbs Torque Max
Weight: 0.08ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SFF
161C
SFF
162C
SFF
163C
SFF
164C
SFF
165C
SFF
166C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
16.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
Amps
Maximum Instantaneous Forward Voltage per at 8.0A
VF
0.975
1.4
Volts
TA = 25℃
10
Maximum DC Reverse Current at rated
DC Blocking Voltage at
TA = 125℃
IR
500
µA
Maximum Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
35
50
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
40
pF
Typical Thermal Resistance (Note 1)
RθJC
3.0
/W
Operating Junction Temperature
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Unit mounted on heatsink
Dimensions in inches and (millimeters)
ITO-220AB


Similar Part No. - SFF166C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF166C THINKISEMI-SFF166C Datasheet
357Kb / 2P
   16.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
SFF166CA THINKISEMI-SFF166CA Datasheet
354Kb / 2P
   16.0 Ampere Insulated Dual Common Anode Super Fast Recovery Rectifiers
SFF166CD THINKISEMI-SFF166CD Datasheet
354Kb / 2P
   16.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF166CS THINKISEMI-SFF166CS Datasheet
354Kb / 2P
   16.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
SFF166CT THINKISEMI-SFF166CT Datasheet
354Kb / 2P
   16.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SFF166C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF161CTD SEMTECH_ELEC-SF161CTD Datasheet
397Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
SF81R SEMTECH_ELEC-SF81R Datasheet
380Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020 JINGHENG-MURF1020 Datasheet
55Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1020CT JINGHENG-MURF1020CT Datasheet
61Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com