Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15A Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # SM15A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM15A Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  SM15A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM15A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Peak Pulse Power
400 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE 1 (Cont’d)
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note 4)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
SM68
61.2
74.8
1
55.1
5
4.1
98
0.107
SM68A
64.6
71.4
1
58.1
5
4.3
92
0.107
SM75
67.5
82.5
1
60.7
5
3.7
105
0.108
SM75A
71.3
78.8
1
64.1
5
3.9
103
0.108
SM82
73.8
90.2
1
66.4
5
3.4
118
0.108
SM82A
77.9
86.1
1
70.1
5
3.5
113
0.108
SM91
81.9
100
1
73.7
5
3.1
131
0.109
SM91A
86.5
95.5
1
77.8
5
3.2
125
0.109
SM100
90
110
1
81
5
1.39
144
0.109
SM100A
95
105
1
85.5
5
1.46
137
0.109
SM110
99
121
1
89.2
5
1.27
158
0.11
SM110A
105
116
1
94
5
1.32
152
0.11
SM120
108
132
1
97.2
5
1.16
173
0.11
SM120A
114
126
1
102
5
1.21
165
0.11
SM130
117
143
1
105
5
1.07
187
0.11
SM130A
124
137
1
111
5
1.12
179
0.11
SM150
135
165
1
121
5
0.93
215
0.111
SM150A
143
159
1
128
5
0.97
207
0.111
SM160
144
175
1
130
5
0.87
230
0.111
SM160A
152
167
1
136
5
0.91
219
0.111
SM170
153
187
1
138
5
0.82
244
0.111
SM170A
162
179
1
145
5
0.85
234
0.111
SM180
162
197
1
146
5
0.78
258
0.111
SM180A
171
189
1
154
5
0.81
246
0.111
SM200
180
220
1
162
5
0.7
287
0.111
SM200A
190
210
1
171
5
0.73
274
0.111
Notes:
(1)
V(BR) measured after IT applied for 300ms square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
All terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - SM15A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM15A ETC2-SM15A Datasheet
40Kb / 1P
   Rat IgG2a Negative Control - Azide Free
More results

Similar Description - SM15A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com