Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2060 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SR2060
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SR2060 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SR2060 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SR2060 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to100 Volts
SR2020 THRU SR20100
CURRENT
20.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-
S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
For use in low voltage high frequency inverters,
Free wheeling, and polarity protection applications
MECHANICAL DATA
Case: TO-220AC molded plastic
Terminals: Lead solderable per MIL-STD-202
Method 208
Polarity: as marked
Mounting position: Any
Weight: 0.08ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SR
2020
SR
2030
SR
2035
SR
2040
SR
2045
SR
2050
SR
2060
SR
2080
SR
20100
SR
20150
SR
20200
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
20.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage at 20.0A per element
VF
0.65
0.75
0.85
Volts
TC = 25℃
1.0
Maximum DC Reverse Current
at rated DC Blocking Voltage
per element
TC = 100℃
IR
100
mA
Typical Junction Capacitance(Note2)
CJ
700
pF
Typical Thermal Resistance (Note 1)
RθJC
2.0
/W
Operating Storage Temperature Range
TJ TSTG
(-55 to +150)
Notes:
1.
Thermal Resistance Junction to CASE
2.
Measured at VR=4V and f=1MHz
Dimensions in inches and (millimeters)
TO-220AC


Similar Part No. - SR2060

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR2060 TSC-SR2060 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Dc Components
SR2060 DCCOM-SR2060 Datasheet
51Kb / 2P
   RECTIFIER SPECIALISTS
logo
Taiwan Semiconductor Co...
SR2060 TSC-SR2060 Datasheet
216Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Rectron Semiconductor
SR2060 RECTRON-SR2060 Datasheet
219Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SR2060 YANGJIE-SR2060 Datasheet
725Kb / 2P
   20.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR2060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com