Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX-7200-001 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # LX-7200-001
Description  7304/7204 Sensor Manager
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

LX-7200-001 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  LX-7200-001 Datasheet HTML 1Page - MRV Communications, Inc. LX-7200-001 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
sales@mr v.com
Out-of-Band Networking
Datasheet
LX-7304T-112DC
Ordering Information
LX-7304T-102AC 7304 Sensor Manager, dual AC, modem
LX-7304T-112DC 7304 Sensor Manager, dual DC, modem
LX-7204T-002AC 7204 Sensor Manager, dual AC
LX-7204T-012DC 7204 Sensor Manager, dual DC
LX-7200-001 32 Port Alarm Input Module
LX-7200-002 8 Port Control Output Module
LX-7200-003 8 Port Analog Loop Module
LX-7200-001
LX-7200-003
LX-7200-002
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Business Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
Copyright ©2006 MRV Communications, Inc. All Rights Reserved.
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mr v.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Revision C
Specifications
System Features 19” or 23” 1U rack unit
Up to 4 modules per 7304/7204
Up to 4 7204 Sensor Managers per LX
Series
LCD alarm status display
Audible alarm
Power Requirements Dual AC power supplies, 120-240VAC,
50/60Hz, .5 amps
Dual 36-72VDC power supplies, .75 amps
Physical Dimensions Height: 4.48 cm/1.75 in
Width 44.8 cm/17.48 in
Depth: 29.21 cm/11.5 in
Physical Weight: 3.64 kg/8.02 lbs
Serial Ports 1 LX Series console port, RS232 (7304
only)
1 Management port, RS232 (7304 only)
1 Uplink port, RS232 (7204 only)
Ethernet 10/100 Ethernet (7304 only)
Modem V.92 (7304 only)
Operating Temperature 23 to 131˚F (-5 to 55˚C) Short Term
(DC Units Only)
Storage Temperature -40 to 185˚F (-20 to 85˚C)
Humidity 5% to 85% Long Term; 5% to 90% Short
Term(DC Units Only)
Warranty Three Year
Alarm Input Module 32 dry or wet contacts
3.5V to 75VDC
96 pi
Control Output Module 8 control outputs
Screw-type terminal connector
Max switching DC 30V @ 1.0A, 30W
Analog Loop Module 8 analog loop inputs
Supports 4-20 ma loop powered sensors
Screw-type terminal connector
Certifications FCC Part 15, Class A; EN 300-386 V1.3.3
(2005-04); ICES-03 ISSUE 4; AS/NZ CISPR
22:2004
NEBS Level 3 (DC only)
RoHS compliant
Warranty Three years


Similar Part No. - LX-7200-001

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LX-1000T MRV-LX-1000T Datasheet
559Kb / 2P
   LX Series
LX-1001S-101AC MRV-LX-1001S-101AC Datasheet
189Kb / 2P
   1000S Console Servers
LX-1002S-001AC MRV-LX-1002S-001AC Datasheet
189Kb / 2P
   1000S Console Servers
LX-1004S-001POE MRV-LX-1004S-001POE Datasheet
189Kb / 2P
   1000S Console Servers
LX-1004S-005AC MRV-LX-1004S-005AC Datasheet
189Kb / 2P
   1000S Console Servers
More results

Similar Description - LX-7200-001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
List of Unclassifed Man...
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
   SwitchStarTM Switch Manager
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
   WMPF1E HORIZONTAL MANAGER
08A
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
National Semiconductor ...
LM4863MX NSC-LM4863MX Datasheet
24Kb / 2P
   Engineering Project Manager
logo
Keysight Technologies
E6571F KEYSIGHT-E6571F Datasheet
540Kb / 4P
   Wireless Test Manager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com