Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRB1630 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SRB1630
Description  SCHTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRB1630 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SRB1630 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRB1630 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SRB1620 THRU SRB16100
CURRENT
16.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-
S-19500/228
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
For use in low voltage, high frequency inverters
Free wheeling, and polarity protection applications
MECHANICAL DATA
Case: TO-263AB( D
2–PAK)Molded Plastic
Terminals: Lead solderable per MIL-STD-202,
Method 208
Polarity: as marked
Mounting position: Any
Weight: 0.08ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
SRB
1620
SRB
1630
SRB
1635
SRB
1640
SRB
1645
SRB
1650
SRB
1660
SRB
1680
SRB
16100
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
Volts
Maximum Average Forward Rectified Current
At Tc=90℃
I(AV)
10.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage per at 16.0A per element
VF
0.65
0.75
0.85
Volts
TC = 25℃
0.5
Maximum DC Reverse Current at
rated DC Blocking Voltage per
element
TC = 100℃
IR
50
mA
Typical Junction Capacitance(Note2)
CJ
500
pF
Typical Thermal Resistance (Note 1)
RθJC
3.0
/W
Operating and Storage Temperature Range
TJ TSTG
(-55 to +150)
Notes:
1.
Thermal Resistance Junction to CASE
2.
Measured at VR=4v and f=1MHz


Similar Part No. - SRB1630

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB1630C MIC-SRB1630C Datasheet
51Kb / 2P
   SCHTTKY BARRIER RECTIFIER
More results

Similar Description - SRB1630

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB1620C MIC-SRB1620C Datasheet
51Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB3020C MIC-SRB3020C Datasheet
52Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRF1020 MIC-SRF1020 Datasheet
45Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB1020 MIC-SRB1020 Datasheet
49Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB2020C MIC-SRB2020C Datasheet
50Kb / 2P
   SCHTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
   SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
logo
National Instruments Co...
FCHS10A12 NI-FCHS10A12_15 Datasheet
234Kb / 6P
   Schttky Barrier Diode
FCHS10A065 NI-FCHS10A065_15 Datasheet
234Kb / 6P
   Schttky Barrier Diode
FCHS30A08 NI-FCHS30A08_15 Datasheet
243Kb / 6P
   Schttky Barrier Diode
FCQS30A045 NI-FCQS30A045_15 Datasheet
254Kb / 6P
   Schttky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com