Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP5MRHDSDI-TX Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # SFP5MRHDSDI-TX
Description  Digital Video SFPs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP5MRHDSDI-TX Datasheet(HTML) 4 Page - MRV Communications, Inc.

  SFP5MRHDSDI-TX Datasheet HTML 1Page - MRV Communications, Inc. SFP5MRHDSDI-TX Datasheet HTML 2Page - MRV Communications, Inc. SFP5MRHDSDI-TX Datasheet HTML 3Page - MRV Communications, Inc. SFP5MRHDSDI-TX Datasheet HTML 4Page - MRV Communications, Inc. SFP5MRHDSDI-TX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Datasheet
The HDSDI SFPs are designed to pass SMPTE-compliant digital streams, both standard and high-definition, with no
errors. Non-compliant streams with serious TRS errors may cause momentary dropouts in the video picture.
4
SFPxMRHDSDI-RX serial cable input properties:
Automatic cable equalization
- up to 140 m of Belden 1694A at 1.485 Gbps and 1.485/1.001 Gbps
- up to 350 m of Belden 694 A at 270 Mbps
Tolerates > 20 dB cable loss at half clock frequency
SFP-CXASI-RX and SFP-CXDV-RX27 serial cable input properties:
Automatic cable equalization
- up to 350 m of Belden 1694 A at 270 Mbps
Tolerates > 20 dB cable loss at half clock frequency
Other
Specifications
SFP5MRHDSDI
(TX and RX)
SFP3MRHDSDI
(TX and RX)
SFP-CXDV
(TX and RX)
SFP-CXASI
(TX and RX)
Standards
SMPTE 259 M (270 Mbps) and
SMPTE 292 M (1.485 Gbps)
SMPTE 259 M (270 Mbps) and
SMPTE 292 M (1.485/1.001 Gbps)
DVB ASI (270 Mbps)
DVB ASI (270 Mbps)
Supported Frame &
Refresh Rates
720 x 486i
720 x 576i
1280 x 720p (60hz)
1920 x 1035i (60hz)
1920 x 1080sF (24hz)
1920 x 1080p (24hz)
1920 x 1080i (50hz)
1920 x 1080p (25hz)
1920 x 1080i (60hz)
1920 x 1080p (30hz)
720 x 486i
720 x 576i
1280 x 720p (59.94hz)
1920 x 1035i (59.94hz)
1920 x 1080sF (23.98hz)
1920 x 1080p (23.98hz)
1920 x 1080i (59.94hz)
1920 x 1080p (29.97hz)
720 x 486i
720 x 576i
720 x 486i
720 x 576i


Similar Part No. - SFP5MRHDSDI-TX

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
   Silicon N-Channel MOSFET
logo
Thinki Semiconductor Co...
SFP50N06 THINKISEMI-SFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
SFP50N06 VBSEMI-SFP50N06 Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
SemiWell Semiconductor
SFP5N50 SEMIWELL-SFP5N50 Datasheet
210Kb / 5P
   N-Channel MOSFET
More results

Similar Description - SFP5MRHDSDI-TX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-GC-R MRV-SFP-GC-R Datasheet
352Kb / 4P
   Copper Ethernet SFPs
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
   DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
   Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
   Digital video encoder
1999 May 31
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com