Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-10GD-SX Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # SFP-10GD-SX
Description  10 Gbps 850 nm Multi-mode SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-10GD-SX Datasheet(HTML) 2 Page - MRV Communications, Inc.

  SFP-10GD-SX Datasheet HTML 1Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 2Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 3Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 4Page - MRV Communications, Inc. SFP-10GD-SX Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Datasheet
Pin Descriptions
Pin
Function
Name/Description
Note
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault
2
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
3
4
SDA
2-wire Serial Interface Data Line
4
5
SCL
2-wire Serial Interface Clock Line
4
6
MOD_ABS
Module Absent. Grounded within the module.
4
7
RS0
No connection required
8
RX_LOS
Loss of Signal indication. Logic 0 indicates normal operation.
5
9
RS1
No connection required
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled.
13
RD+
Receiver Non-inverted DATA out. AC Coupled.
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
TFAULT is an open collector/drain output, which should be pulled up with a 4.7k – 10k Ohms resistor on the host board if
intended for use. Pull up voltage should be between 2.0V to Vcc + 0.3V. A high output indicates a transmitter fault caused
by either the TX bias current or the TX output power exceeding the preset alarm thresholds. A low output indicates normal
operation. In the low state, the output is pulled to <0.8V.
3.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
4.
Should be pulled up with 4.7kΩ – 10kΩ on host board to a voltage between 2.0V and 3.6V. MOD_ABS pulls line low to indicate
module is plugged in.
5.
LOS is open collector output. Should be pulled up with 4.7kΩ – 10kΩ on host board to a voltage between 2.0V and 3.6V. Logic
0 indicates normal operation; logic 1 indicates loss of signal.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TX_Fault
SDA
SCL
MOD_ABS
RS0
RX_LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
TX_Disable
RS1
Towards
Bezel
ASIC
Diagram of Host Board Connector Block Pin Numbers and Names
2


Similar Part No. - SFP-10GD-SX

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-10GD-LR MRV-SFP-10GD-LR Datasheet
98Kb / 5P
   10 Gbps 10 km Single-Mode SFP Transceiver
More results

Similar Description - SFP-10GD-SX

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100G OPTOWAY-SPM-9100G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 2.5 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G_08 Datasheet
146Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-4100G OPTOWAY-SPM-4100G Datasheet
170Kb / 5P
   3.3V / 850 nm / 8.5 Gbps SFP LC Multi-Mode TRANSCEIVER
SPM-8100G OPTOWAY-SPM-8100G Datasheet
144Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFP LC Multi-Mode TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-9100FG OPTOWAY-SPM-9100FG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-7100G OPTOWAY-SPM-7100G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7101G OPTOWAY-SPM-7101G Datasheet
148Kb / 4P
   3.3V / 850 nm / 1.25 Gbps LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com