Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM800-OAID Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM800-OAID
Description  LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800-OAID Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM800-OAID Datasheet HTML 1Page - MRV Communications, Inc. EM800-OAID Datasheet HTML 2Page - MRV Communications, Inc. EM800-OAID Datasheet HTML 3Page - MRV Communications, Inc. EM800-OAID Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LambdaDriver® Optical Amplifier modules are a family
of low-noise Erbium-Doped Fiber Amplifiers (EDFA) ideal
for Metro and Long-Haul Dense Wavelength Division
Multiplexing (DWDM) as well as Single Wavelength
applications.The optical design,coupled with sophisticated
control circuitry, allows these Optical Amplifiers to provide
constant gain even with wavelengths being added or
dropped in the network. Any fluctuations caused by
wavelengths addition/removal can be handled by its ultra-
fast transient suppression.
When
paired
with
the
LambdaDriver®
Element
Management Module , full monitoring and configuration
capabilities are supported with a local RS-232 interface
and Ethernet/Fast Ethernet interfaces for remote network
monitoring using Telnet and SNMP.
Using MRV’s MegaVision Web® NMS provides remote
control reducing the costly need for many infield service
calls.
The modules allow monitoring of input and output power
levels (real dBm values), temperature and signal gain.
The modules can be operated in two modes: automatic
gain control or automatic power control. These operating
modes and their respective parameter settings are factory
pre-configured but can be changed by MRV authorized
personnel.
In AGC mode, the module maintains constant gain for
each channel according to the Gain parameter setting,
as long as the total output power does not exceed the
maximum rated value (+22 dBm). This mode is factory pre-
configured.
LambdaDriver® - Optical Amplifier Module (EM800-OAx/EM1600-OAx)
Booster, In line and Pre-Amplifier
Up to 22dBm maximum output power
Protocol and bandwidth transparent
Gain flatness (with GFF) less than 1.0 dB
Low Noise figure
Optical power monitoring
Front panel status LEDs
Fast transient suppression time
Automatic Laser Shutdown (ALS)
DWDM networks
Single-channel amplification
Distance extention
Applications
����
���
������� ���������
�������
�� ����
���
���
����
���
������� ���������
������� ���������
�����
�� ��
�����
�����������
�����������
�����������
�����������
�����������
�����������
�����
�����
�����
�� ��
Long Haul Application
Optical Amplifier modules
Features
WDM & Optical Transport
Not sure what solution best fits your needs? Visit www.mrv.com or e-mail us at sales@mrv.com
Datasheet


Similar Part No. - EM800-OAID

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
More results

Similar Description - EM800-OAID

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600-OAR10 MRV-EM1600-OAR10 Datasheet
486Kb / 2P
   LambdaDriver Raman Amplifi er Module (EM1600-OAR)
EM800-RED MRV-EM800-RED Datasheet
836Kb / 2P
   LambdaDriver 11 redundancy Module (EM800/EM1600-RED)
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
EM1600-ROADM40 MRV-EM1600-ROADM40 Datasheet
279Kb / 2P
   LambdaDriver 2 Degree ROADM Module (EM1600-ROADM40)
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
   LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM1600-4CC10G MRV-EM1600-4CC10G Datasheet
2Mb / 2P
   LambdaDriver 10 Gbps XFP - Dual Transponder Module(EM1600-4CC10G)
EM1600-8CC10G MRV-EM1600-8CC10G Datasheet
456Kb / 2P
   LambdaDriver 10Gbps 8 ports XFP - EXC Module (EM1600-8CC10G)
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com