Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR253 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # TR253
Description  TIN CAN AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

TR253 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  TR253 Datasheet HTML 1Page - MIC GROUP RECTIFIERS TR253 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIN CAN AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 400 Volts
TR251 THRU TR254
CURRENT
25.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
Low Leakage
Low forward voltage drop
High current capability
High forward surge current capacity
MECHANICAL DATA
Technology: vacuum soldered
Case: Tin Can
Polarity: the glass is bule (Positive)
the glass is white (Negative)
Lead: Plated Ni lead, solderable per
MIL-STD-202E method 208C
Mounting: at will
Weight: 0.09 ounces, 2.57 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60HZ, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
TR251
TR252
TR253
TR254
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
IO
25
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
400
Amps
Rating for fusing (t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.10
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
250
UA
Typical Thermal Resistance
RθJC
1.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
Notes:
1.
Enough heatsink must be considered in application.
TR
Dimensions in millimeters
Epoxy
6.8
± 0.2
26.00
± 0.5
? 7.6
± 0.05


Similar Part No. - TR253

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
logo
Lumins Inc.
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
   Ceiling mount
logo
Insel Rectifier India P...
TR25 IRI-TR25 Datasheet
249Kb / 2P
   TRIAC
logo
Mitsumi Electronics, Co...
TR25-A-S MITSUMI-TR25-A-S Datasheet
154Kb / 3P
   Transformers for Inverter or Converter
logo
ZIEHL industrie-elektro...
TR250 ZIEHL-TR250 Datasheet
337Kb / 1P
   Pt100-Temperature-Relay Type TR250 3 Sensors Pt 100 (RTD), Pt 1000, PTC or KTY, 3 Limits
More results

Similar Description - TR253

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
TR351 MIC-TR351 Datasheet
49Kb / 2P
   TIN CAN AUTOMOTIVE RECTIFIER
TRA30Z MIC-TRA30Z Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA30M MIC-TRA30M Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40Z MIC-TRA40Z Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40L MIC-TRA40L Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA30L MIC-TRA30L Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
TRA40M MIC-TRA40M Datasheet
29Kb / 1P
   TIN CAN AVALANCHE AUTOMOTIVE RECTIFIER
logo
Rohm
BD41041FJ-C ROHM-BD41041FJ-C Datasheet
1Mb / 26P
   CAN Transceiver for Automotive
logo
Shanghai Shunye Electro...
TC3505 SHUNYE-TC3505 Datasheet
193Kb / 2P
   5/16 TIN-CAN DIODES
TC2505 SHUNYE-TC2505 Datasheet
196Kb / 2P
   5/16 TIN-CAN DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com