Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABTH16460DL Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ABTH16460DL
Description  4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH16460DL Datasheet(HTML) 2 Page - Texas Instruments

  SN74ABTH16460DL Datasheet HTML 1Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 2Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 3Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 4Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 5Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 6Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 7Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 8Page - Texas Instruments SN74ABTH16460DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN54ABTH16460, SN74ABTH16460
4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS207F – OCTOBER 1992 – REVISED MAY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Address and/or data information can be stored using the internal storage latches/flip-flops. The latch-enable
(LEB1–LEB4, LEBA, and LEAB1–LEAB4) and clock/clock-enable (CLK/CLKEN) inputs are used to control data
storage. When either one of the latch-enable inputs is high, the latch is transparent (clock is a don’t care as long
as the latch enable is high). When the latch-enable input goes low (providing that the clock does not transit from
low to high), the data present at the inputs is latched and remains latched until the latch-enable input is returned
high. When the clock enable is low and the corresponding latch enable is low, data can be clocked on the
low-to-high transition of the clock. When either the clock enable or the corresponding latch enable is high, the
clock is a don’t care.
Four select pins (SEL0, SEL1, CE_SEL0, and CE_SEL1) are provided to multiplex data (A port), or to select
one of four clock enables (B port). This allows the user the flexibility of controlling one bit at a time.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABTH16460 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABTH16460 is characterized for operation from –40
°C to 85°C.
Function Tables
A-TO-B OUTPUT ENABLE†
INPUTS
OUTPUT
OEB
OEBn
Bn
H
H
Z
H
LZ
L
HZ
L
L
Active
† n = 1, 2, 3, 4
A-TO-B STORAGE
(assuming OEB = L, OEBn = L)‡
INPUTS
OUTPUTS
CLKENAB
CE_SEL1
CE_SEL0
CLKAB
LEAB1
LEAB2
LEAB3
LEAB4
B1
B2
B3
B4
X
X
X
H or L
H
L
L
L
A
A0
A0
A0
X
X
X
H or L
H
H
H
L
A
AA
A0
L
X
X
L
LLLL
A0
A0
A0
A0
L
LL
LLLL
A
A0
A0
A0
L
LH
LLLL
A0
AA0
A0
L
HL
LLLL
A0
A0
AA0
L
HH
LLLL
A0
A0
A0
A
H
X
X
L
L
L
L
A0
A0
A0
A0
‡ This table does not cover all the latch-enable cases since they have similar results.


Similar Part No. - SN74ABTH16460DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH16460DL TI1-SN74ABTH16460DL Datasheet
174Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH16460DLR TI1-SN74ABTH16460DLR Datasheet
174Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABTH16460DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH16460 TI1-SN54ABTH16460_12 Datasheet
174Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH162460 TI-SN54ABTH162460 Datasheet
176Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC646 HITACHI-HD74HC646 Datasheet
61Kb / 10P
   Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74HC242 HITACHI-HD74HC242 Datasheet
60Kb / 10P
   Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
   Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com