Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part No. W005G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIC [MIC GROUP RECTIFIERS]
Homepage  http://www.cnmic.com
Logo 

   
 1 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
W005G THRU W10G
CURRENT
1.5 Amperes
FEATURES
Plastic package has underwriters laboratory
Flammability classification 94V-0
Glass passivated ship junction
High case dielectric strength
High surge current capability
Ideal for printed circuit boards
High temperature soldering guaranteed 260℃/10 seconds,
0.375” (9.5mm) lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
Case: Epoxy, Molded Plastic body over passivated Junction
Terminal: Plated leads solderable per MIL-STD-750
method 2026
Mounting position: Any
Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
SYMBOLS W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output,
Current at TA=25℃ (Note 1)
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
40
Amps
Rating for Fusing (t<8.3ms)
I
2t
10
A
2S
Maximum Instantaneous Forward Voltage Drop
Per element at 1.0A DC
VF
1.0
Volts
TA = 25℃
5.0
µA
Maximum Average Reverse Current at
rated DC Blocking Voltage
TA = 125℃
IR
500.0
µA
Typical Junction Capacitance per leg at 4.0V, 1MHz
CJ
14
pF
RθJL
14
Typical Thermal Resistance
(NOTE 1)
RθJA
36
/W
Operating Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Thermal resistance from junction to lead at 0.375”(9.5mm) lead length P.C.B. mounting.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GBL005SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
GBJ6A6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC40_0640A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP200G_062.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
B1S_07MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 Pan Jit International Inc.
KBJ2500IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 Pan Jit International Inc.
GBLA005SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
GBJ8A8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC40S_0640A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBU1000G_0610A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl