Selected language     English  ▼


W01G Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part No. W01G
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIC [MIC GROUP RECTIFIERS]
Homepage  http://www.cnmic.com
Logo 

   
 2 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
W005G THRU W10G
CURRENT
1.5 Amperes
RATINGS AND CHARACTERISTICS CURVES W005G THRU W10G
FORWARD SURGE CURRENT PER LEG
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FIG. 1- DERATING CURVE OUTPUT
COPPER PADS
0.22×0.22" (5.5×5.5mm)
(
9.5mm)
0.375"
P.C.B.
Ipk/I(AV)=20
Ipk/I(AV)=10
=5.0
(
AV)
I/
pk
I
CAPACITIVE LOADS
INDUCTIVE LOAD
RESISTIVE OR
60 Hz
10
20
35
30
150
140
120
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SINGLE SINE-WAVE
TA=25℃
(
JEDEC Method)
1.0 CYCLE
0
1
10
NUMBER OF CYCLES AT 60 Hz
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
50
PER LEG
T =100℃
J
10
1
0.1
0.01
20
0
40
60
80
T =25℃
J
100
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
10
1
0.1
0.01
0.11
10
t, HEATING TIME, sec.
100
100
AMBIENT TEMPERATURE,℃
FIG. 3 -TYPICAL FORWARD CHARACTERISTICS
PER LEG
T =25℃
J
PULSE WIDTH=300μs
1% DUTY CYCLE
20
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
PER LEG
T =25℃
J
f=1.0 MHz
Vsig=50mVp-p
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
1
10
100




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GBL005SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
GBJ6A6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC40_0640A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP200G_062.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
B1S_07MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 Pan Jit International Inc.
KBJ2500IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 Pan Jit International Inc.
GBLA005SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
GBJ8A8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC40S_0640A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBU1000G_0610A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl