Selected language     English  ▼


W005M Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part No. W005M
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIC [MIC GROUP RECTIFIERS]
Homepage  http://www.cnmic.com
Logo 

   
 1 page
background image
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER
W005M THRU W10M
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
1.5 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1/2
FEATURES
l Low cost
l This series is UL recognized under component
index,file number E127707
l High forward surge current capability
l Ideal for printed circuit board
l High temperature soldering guaranteed:
260
oC/10 second, 0.375”(9.5mm) lead length
at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
l Case: Molded plastic body
l Terminal: Lead solderable per MIL-STD-202E
method 208C.
l Polarity: Polarity symbols molded on case
l Mounting position: Any
l Weight:0.042ounce,1.2grams
~
~
-
+
1.1
(27.9)
MIN
.366(9.3)
.350(8.9)
.220(5.6)
.200(5.1)
1.0
(25.4)
MIN
.032(0.8)DIA
.028(0.7)TYP
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
POS
LEAD
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS W005M
W01M
W02M
W04M
W06M
W08M
W10M
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
Rectified Output Current, at
TA=25℃
I(AV)
1.5
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
1.0
Volts
TA=25℃
10
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage
TA=100℃
IR
0.5
mAmps
Typical Junction Capacitance(Note1)
CJ
15
P
F
Typical Thermal Resistance(Note2)
RθJA
40
℃/W
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-55 to +150
NOTES:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
2.
Unit mounted on P.C. board with 0.22”×0.22”(5.5×5.5mm)copper pads,0.375”(9.5mm)lead length.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB250525A Single-Phase Bridge Rectifier 1 2 3 4 TAITRON Components Incorporated
TB150515.0A Single-Phase Bridge Rectifier 1 2 3 4 5 TAITRON Components Incorporated
KBL005_08Single-Phase Bridge Rectifier 1 2 3 4 Vishay Siliconix
BR5005SINGLE-PHASE BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
GBL005SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
RS801SINGLE-PHASE BRIDGE RECTIFIER 1 2 MIC GROUP RECTIFIERS
B40C1000_061.0A SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
TBL005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
GBJ6A6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
GBPC40_0640A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl