Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310-024105-021 Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # 310-024105-021
Description  Filtered Low Noise Amplier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

310-024105-021 Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  310-024105-021 Datasheet HTML 1Page - Spectrum Microwave, Inc. 310-024105-021 Datasheet HTML 2Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40
20
10
-20
1400
1500
1600
1700
1750
Frequency (MHz)
DB(|S[2,1]|)*
-10
0
30
Amplier Gain
0
-10
-20
-30
1051
1251
1451
1651
1751
Frequency (MHz)
DB(|S[2,2]|)
DB(|S[1,1]|)*
Filtered Low Noise Ampli er
1575 MHz
.51
1.79
2.15
ø2.72
1.00
4X ø .17 thru
2X SMA Female
Connector
MR01 Series
Connector
2.20
1.36
1.79
.23
.51
.80
J1
J2
J3
J1
J2
J3
Dimensions (inches)
Return Loss
SPECTRUM MICROWAVE
• 38166 Old Stage Road • Delmar, Delaware 19940 • Phone: 302-846-2750 • Fax: 302-846-3888
SPECTRUM MICROWAVE
• 2707 Black Lake Place • Philadelphia, Pennsylvania 19154 • Phone: 215-464-4000 • Fax: 215-464-4001 www.SpectrumMicrowave.com


Similar Part No. - 310-024105-021

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
310-024105-011 SPECTRUM-310-024105-011 Datasheet
583Kb / 2P
   Filtered Low Noise Amplier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com