Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC1206-10R0-KT302 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # FC1206-10R0-KT302
Description  TEMPERATURE SENSITIVE CHIP RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

FC1206-10R0-KT302 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  FC1206-10R0-KT302 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEMPERATURE SENSITIVE CHIP RESISTORS
FLP SERIES
Excellent stability and PTC linearity
Economically priced
Fast response time
Operating temp. -65°C to + 150°C
Standard tolerance: ±1%, ±2%, ±5%
Refer to MLP Series for additional SM PTC resistor
selection from (1.5
Ω to 100K, +150 to +4500ppm)
*Consult factory for resistance values outside the standard range. Entire resistance range isn’t avaiable in each TC, consult factory for availability.
SPECIFICATIONS
L
T
t
W
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
THERMAL RESPONSE TIME
RESISTANCE/TEMPERATURE CURVE
AMBIENT TEMPERATURE (°C)
D
C
R
e
p
y
T
e
g
a
t
t
a
W
C
°
0
7
@
g
n
i
t
a
R
e
c
n
a
t
s
i
s
e
R
*
e
g
n
a
R
l
a
m
r
e
h
T
n
o
i
t
a
p
i
s
s
i
D
e
s
n
o
p
s
e
R
e
m
i
T
]
2
.
[
8
0
0
.
±
L]
2
.
[
6
0
0
.
±
W]
5
1
.
[
6
0
0
.
±
T]
2
.
[
8
0
0
.
±
t
5
0
8
0
P
L
FW
5
2
1
.0
5
K
2
o
t
C
°
/
W
m
2
.
8.
c
e
S
4]
0
.
2
[
9
7
0
.]
5
2
.
1
[
0
5
0
.]
4
.
[
8
1
0
.]
4
.
[
6
1
0
.
6
0
2
1
P
L
FW
5
2
.0
5
K
0
1
o
t
C
°
/
W
m
9.
c
e
S
5
.
6]
2
.
3
[
6
2
1
.]
5
5
.
1
[
1
6
0
.]
6
.
[
4
2
0
.]
5
.
[
0
2
0
.
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
5000ppm
3300ppm
3600ppm
4000ppm
4500ppm
3000ppm
RESISTORS CAPACITORS COILS DELAY LINES
*Standard T.C.R’s shown; additional T.C.R’s available upon request.
*
R
C
T
e
l
b
a
l
i
a
v
Ae
c
n
a
r
e
l
o
T
R
C
T
0
0
0
3
+
C
°
/
m
p
p
%
5
0
0
3
3
+
C
°
/
m
p
p
%
5
0
0
6
3
+
C
°
/
m
p
p
%
5
0
0
0
4
+
C
°
/
m
p
p
%
5
0
0
5
4
+
C
°
/
m
p
p
%
5
0
0
0
5
+
C
°
/
m
p
p
%
5
FA088
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
SECONDS
5
10
15
20
25
30
100
75
50
25
0
FLP0805
FLP1206
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
25
50
75
100
125
150
175
DERATING
AMBIENT TEMPERATURE (°C)
125
100
75
50
25
0
30
P/N DESIGNATION:
FLP1206 -
102 - J
T
332 W
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tolerance:G= ±2%, J= ±5%, K=±10%
Temperature Coefficient in 3-Digit Code:
302=3000ppm, 452=4500ppm, 502=5000ppm
Resis. Code 2%-10%: 2 signif. digits & multiplier
(100=10
Ω, 101=100Ω, 102=1KΩ, 103=10K, etc.)
Resis. Code 1%: 3 signif. figures & multiplier
(10R0=10
Ω,1000=100Ω,1001=1KΩ,1002=10KΩ,etc.)
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - FC1206-10R0-KT302

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
FC1206-10R0-KT RCD-FC1206-10R0-KT Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
More results

Similar Description - FC1206-10R0-KT302

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CHR-HT0603 RHOPOINT-CHR-HT0603 Datasheet
377Kb / 1P
   High Temperature Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
logo
RCD COMPONENTS INC.
LP12-1R0F RCD-LP12-1R0F Datasheet
38Kb / 1P
   TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
ATS135-1R00-JB RCD-ATS135-1R00-JB Datasheet
56Kb / 1P
   TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR?셎 FROM 80 TO 6000 PPM
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
   High Temperature Bondable Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS RIEDON-HVS Datasheet
208Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com