Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFZ25-102-KT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # CFZ25-102-KT
Description  HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

CFZ25-102-KT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  CFZ25-102-KT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTIONS
Option 25 - Hot solder dipped leads
Option 37 - Group A screening per Mil-R-39008
Numerous design modifications are available
(custom marking, uninsulated, specialty non-inductive/
high frequency design, cut & formed leads, etc.)
HIGH VOLTAGE CARBON RESISTORS
1/8 WATT to 3 WATT
High pulse voltage capability
Low cost, prompt delivery
Standard resistance range: 1K - 22M
Surface Mount version available!
Inherently low inductance
2 Peak pulse voltage is highly dependent on pulse waveform and resistance value. Voltage levels given indicate the maximum levels for the series. These
levels are not attainable for all values and pulse waveforms. Consult factory for application assistance.
TYPICAL PERFORMANCE CHARACTERISTICS
CFZ SERIES
1 Maximum working voltage = (PR)1/2, voltage not to exceed the value listed. Increased voltage ratings available
3 Lead length is for bulk packaged parts, taped parts may be shorter. Non standard lengths and cut&formed leads available)
Inch [mm]
D
L
H
d
FA022B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
DERATING
RCD CFZ12 through CFZ200 power ratings must be
derated above 70°C, derate CFZ300 above 40°C.
AMBIENT TEMP. ( °C )
30
50
70
90
110
130
150
170
100
80
60
40
20
0
165
SPECIFICATIONS
Type CFZ was developed as a low-cost alternative to high
voltage thick film and carbon composition resistors. Carbonized
film processing enables pulse capabilities to 12KV! Elements
are protected by moisture resistant epoxy coating for excellent
environmental performance. Application assistance available.
e
p
y
T
D
C
Re
g
a
t
t
a
W
g
n
i
k
r
o
W
x
a
M
e
g
a
t
l
o
V
1
e
s
l
u
P
k
a
e
P
e
g
a
t
l
o
V
2
LD
]
8
0
.
[
3
0
0
.
±
dH 3
2
1
Z
F
CW
5
2
1
.V
0
5
2V
K
2]
8
.
±
8
6
.
3
[
2
3
0
.
±
5
4
1
.]
1
5
.
±
7
5
.
1
[
2
0
.
±
2
6
0
.]
1
5
.
[
0
2
0
.]
2
±
7
2
[
8
0
.
±
6
0
.
1
5
2
Z
F
CW
5
2
.V
0
0
3V
K
3]
8
.
±
5
3
.
6
[
2
3
0
.
±
0
5
2
.]
1
5
.
±
2
.
2
[
2
0
.
±
0
9
0
.]
1
6
.
[
4
2
0
.]
2
±
7
2
[
8
0
.
±
6
0
.
1
S
0
5
Z
F
CW
5
.V
0
0
4V
K
5]
8
.
±
9
9
.
8
[
2
3
0
.
±
4
5
3
.]
1
5
.
±
8
1
.
3
[
2
0
.
±
5
2
1
.]
1
7
.
[
8
2
0
.]
2
±
7
2
[
8
0
.
±
6
0
.
1
5
7
Z
F
CW
5
7
.V
0
0
5V
K
6]
8
.
±
9
9
.
8
[
2
3
0
.
±
4
5
3
.]
1
5
.
±
6
7
.
3
[
2
0
.
±
8
4
1
.]
9
7
.
[
1
3
0
.n
i
M
]
5
2
[
0
8
9
.
0
0
1
Z
F
CW
0
.
1V
0
0
6V
K
7]
3
.
1
±
9
.
1
1
[
0
5
0
.
±
0
7
4
.]
4
6
.
±
7
5
.
4
[
5
2
0
.
±
0
8
1
.]
9
7
.
[
1
3
0
.n
i
M
]
7
2
[
6
0
.
1
0
0
2
Z
F
CW
0
.
2V
0
0
7V
K
0
1]
3
.
1
±
2
.
5
1
[
0
5
0
.
±
0
0
6
.]
4
6
.
±
8
0
.
5
[
5
2
0
.
±
0
0
2
.]
9
7
.
[
1
3
0
.n
i
M
]
7
2
[
6
0
.
1
0
0
3
Z
F
CW
0
.
3V
0
0
8V
K
2
1]
0
.
2
±
0
.
8
1
[
0
8
0
.
±
0
1
7
.]
7
2
.
1
±
5
3
.
6
[
0
5
0
.
±
0
5
2
.]
9
7
.
[
1
3
0
.n
i
M
]
2
3
[
6
2
.
1
CFZ300
CFZ12-CFZ200
e
f
i
L
d
a
o
L%
3
±
e
f
i
L
f
l
e
h
Sr
y
/
%
1
±
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S%
1
±
t
a
e
H
r
e
d
l
o
S%
3
.
0
±
e
r
u
t
s
i
o
M%
2
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
0
±
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IM
0
0
0
,
0
1
e
g
n
a
R
e
c
n
a
t
s
i
s
e
RM
2
2
o
t
K
1
e
c
n
a
r
e
l
o
T
d
r
a
d
n
a
t
S)
l
i
a
v
a
%
0
1
,
%
2
(
%
5
±
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
6
1
+
o
t
°
5
5
-
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D
2
1
Z
F
C=
5
7
-
5
2
Z
F
C
,
V
0
0
4
=,
V
0
0
5
V
0
0
0
1
=
0
0
3
-
0
0
1
Z
F
C
K
0
0
1
-
K
1
.
f
e
o
C
.
p
m
e
T
M
1
-
K
0
0
1
M
0
1
-
M
1
.
p
y
t
C
°
/
%
5
0
.
0
.
p
y
t
C
°
/
%
1
.
0
.
p
y
t
C
°
/
%
5
1
.
0
† Expanded range available, consult factory.
RESISTORS CAPACITORS COILS DELAY LINES
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
75
PART NUMBER DESIGNATION:
RCD Type
Options: 37, 25 (leave blank if standard)
Packaging: B = Bulk, T = Tape & Reel
3-Digit Resis.Code: 2 signif. digits & multiplier
(102=1K
Ω, 103=10K, 104=100K, 105=1M, 106=10M)
Tolerance Code: J=5% (std), G=2%, K=10%
CFZ25
- 101 - J
T W
Termination: W= Lead-free, Q= Tin/Lead (leave blank if
either is acceptable, in which case RCD will select based
on lowest price and quickest delivery
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Description - CFZ25-102-KT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
CF50S-1R0-G RCD-CF50S-1R0-G Datasheet
34Kb / 1P
   CARBON FILM RESISTORS, 1/8 to 3 WATT
BW1F-R100JBW RCD-BW1F-R100JBW Datasheet
67Kb / 1P
   FUSIBLE FILM RESISTORS, GENERAL PURPOSE 1/8 WATT to 3 WATT
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
   COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
RCD COMPONENTS INC.
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
   ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
   ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
   MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
   FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
SR90-503-FBW RCD-SR90-503-FBW Datasheet
45Kb / 1P
   HIGH POWER & HIGH VOLTAGE RESISTORS 2 WATT to 250 WATT, 15KV to 300KV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com