Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-BZL4-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMS-BZL4-C
Description  4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-BZL4-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-BZL4-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-BZL4-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
20mA and adjust R7 so the display reads "1.00". Apply 4mA and
verify that the display reads "–1.00", readjust R3 and R7 if necessary.
2. Desired display readings are:
4mA = "–450"
20mA = "450"
Use DIP-switch setting #2 in Table 2. Apply 12mA and adjust R3 so
the display reads "000". Apply 20mA and adjust R7 so the display
reads "450". Apply 4mA and verify that the display reads "–450".
Repeat adjustment procedure if necessary. For these display read
ings, no decimal points are used. Set SW4, SW5 and SW6 to OFF.
3. Desired display readings are:
4mA = "–650"
20mA = "650"
Notice that these readings can be obtained using either DIP-switch
setting #1 or DIP-switch setting #2 in Table 2. In situations like this
where DIP-switch settings overlap, less-sensitive R3/R7 adjustments
can be achieved if the higher DIP-setting # is selected (setting #2
in this example). Apply 12mA and adjust R3 so the display reads
"000". Apply 20mA and adjust R7 so the display reads "650". Apply
4mA and verify that the display reads "–650". Repeat adjustment
procedure if necessary.
DMS–20LCD–4/20B (Bipolar Reading Model)
The DMS-20LCD-4/20B's zero-offset circuit differs from the unipolar 'S'
model described above in that with the 'B' model, a half-scale 12mA input
is normally set to display "000". Therefore, all of the of the DIP-switch
settings in Table 2 assume a reading of "000" is desired with a 12mA input.
Display readings other than those shown in Table 2 are possible, contact
DATEL for more information.
When configuring the DMS-20LCD-4/20B for the first time, or when select-
ing a new range, set both R3 and R7 fully clockwise (roughly 22 turns) to
their minimum offset/minimum-span positions, respectively. Then select
the desired readings from Table 2 and configure DIP-switches SW1, SW2,
and SW3 accordingly.
The procedure below illustrates how to calibrate the DMS-20LCD-4/20B
to its factory-calibrated readings of "–1000" with a 4mA input and "1000"
with a 20mA input. When performing DIP-switch settings, be sure the DIP-
switch's small actuators are firmly engaged in their fully-ON or fully-OFF
positions.
1. Set both R3 and R7 fully clockwise.
2. Select DIP-switch setting #1 from Table 2.
3. Apply a precision 12mA input and adjust R3 until the meter's display
reads "000".
4. Apply a precision 20mA input and adjust R7 until the meter's display
reads "1000".
5. Apply a precision 4mA input and the display should read "–1000".
Repeat steps 3 and 4 to make sure the two adjustments did not
affect one another.
Examples (DMS-20LCD-4/20B-Bipolar Model)
1. Desired display readings are:
4mA = "–1.00"
20mA = "1.00"
Use DIP-switch setting #5 in Table 2 and enable decimal point DP2 via
SW5. Apply 12mA and adjust R3 so the display reads "0.00". Apply
Display Reading
SW1
SW2
SW3
4mA
20mA
1. 000 to 1050-1999
Off
Off
Off
2. 000 to 650-1350
On
Off
Off
3. 000 to 450-800
Off
On
Off
4. 000 to 300-500
Off
Off
On
5. 000 to 200-300
On
On
On
Table 1.
DMS-20LCD-4/20S (Unipolar Model) DIP-Switch Settings
Display Reading
SW1
SW2
SW3
4mA
12mA
20mA
1. –600 to –1000
000
600 to 1000
Off
Off
Off
2. –350 to –650
000
350 to 650
On
Off
Off
3. –250 to –400
000
250 to 400
Off
On
Off
4. –150 to –250
000
150 to 250
Off
Off
On
5. –100 to –150
000
100 to 150
On
On
On
Table 2. DMS-20LCD-4/20B (Bipolar Model) DIP-Switch Settings
DMS-20LCD-4/20P (Positive Reading Model)
The DMS-20LCD-4/20P’s Zero-Offset circuit is optimized to produce
positive readings at both 4mA and 20mA input levels. As shown in Table
3’s first three columns, a 4mA input can be typically adjusted (using
R3, Zero/Offset Adjust) to display any positive reading between “000”
and “800”. The corresponding 20mA-input reading is then added to the
4mA offset as a differential whose magnitude is varied by adjusting R7
(Gain/Span Adjust).
The ‘Differential Range’ column in Table 3 lists the nominal differential
display-readings which can be obtained with R7 at, or very close to, its
full-clockwise, minimum span position. The Differential Range column can
be used as a guide when configuring the meter for the majority of user
applications. Higher differential ranges are obtainable; however, the use
of higher differential readings results in correspondingly-lower positive
readings with 4mA inputs, that is, R3’s clockwise adjustment-range is re-
duced. Example #3 below illustrates this concept. Please contact DATEL
if there is any doubt as to whether or not the DMS-20LCD-4/20P can be
configured for your display readings requirements.
When looking up DIP-switch settings in the Tables and the desired display
readings can be achieved with either of two different settings, using the higher
setting # will produce less sensitive offset (R3) and span (R7) adjustments.
Please keep in mind that the DMS-20LCD standard meter (from which the DMS-
20LCD-4/20 is derived) has an accuracy specification of ±2 counts (max.). Thus,
it may not always be possible to obtain the exact desired display reading.
12
3
4
56
ON
12
3
4
5
6
ON
12
3
4
5
6
ON
DMS-20LCD-4/20 Series
4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop
3½ Digit LCD Display Process Monitors
MPM_DMS20LCD-420.B02 Page 3 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - DMS-BZL4-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
253Kb / 2P
   Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
525Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
192Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-BZL4-C MURATA-PS-DMS-BZL4-C Datasheet
227Kb / 6P
   Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
More results

Similar Description - DMS-BZL4-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-4 MURATA-PS-DMS-20PC-4 Datasheet
227Kb / 6P
   Subminiature 4-20mA Loop-Powered 3쩍 Digit LED Process Monitors
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-40LCD-4 MURATA-PS-DMS-40LCD-4 Datasheet
234Kb / 5P
   Ultra-Low 2.9V Loop-Drop 4쩍 Digit LCD Display Process Monitor
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
   INPUT LOOP POWERED ISOLATOR
logo
Murata Manufacturing Co...
DMS-05V MURATA-DMS-05V Datasheet
210Kb / 4P
   0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Maxim Integrated Produc...
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
   Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
   4-20mA CURRENT LOOP TRANSMITTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com