Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-20PC-3-BS-C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # DMS-20PC-3-BS-C
Description  3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20PC-3-BS-C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  DMS-20PC-3-BS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20PC-3-BS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20PC-3-BS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20PC-3-BS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-20PC-3-BS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-20PC-3-BS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES: 2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL
RECOMMENDED PC BOARD FINISHED HOLE DIAMETER:
0.042 ±0.003 (1.067 ±0.076)
FRONT VIEW
DP1
DP2
DP3
PIN #1
IDENTIFIER
+5V SUPPLY
DISPLAY ENABLE
5V RETURN
DP3
DP2
DP1
1
2
3
4
5
6
(–) INPUT LO
(+) INPUT HI
ANALOG COMMON
DISPLAY TEST/HOLD
REFERENCE OUT
REFERENCE IN
12
11
10
9
8
7
0.80
(20.3)
0.15
(3.8)
TYP.
0.50
(12.7)
0.10
(2.5)
TYP.
0.040
(1.02)
0.040
(1.02)
1.10
(27.9)
0.10
(2.5)
TYP.
0.25 (6.4) TYP.
0.475 (12.07)
0.040
(1.02)
1.30
(33.0)
1.38
(35.1)
0.88
(22.4)
0.170
(4.32)
0.150
(3.81)
PIN 1
0.125 (3.175) DIAMETER
(USE ONLY WHEN
PC BOARD MOUNTING)
CALIBRATION POTENTIOMETER HOLE LOCATION
®®
BEZEL
PANEL
#2-56 INSERT
0.156 (3.96) DEEP
FRONT VIEW
1.280
(32.51)
0.187
(4.75)
1.826 (46.38)
0.838
(21.29)
1.626 (41.30)
1.07
(27.18)
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
0.093 (2.362) DIA
(4 REQUIRED)
0.116 (2.95)
1.336 (33.93)
0.145 (3.68)
PANEL CUTOUT
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
11/20/08
DMS-20PC Series
3½ Digit, LED Display, Low-Cost, Subminiature
Digital Panel Voltmeters
MPM_DMS_20PC.D02 Page 6 of 6
MECHANICAL SPECIFICATIONS
BEZEL INSTALLATION AND RECOMMENDED DRILL AND PANEL CUTOUT


Similar Part No. - DMS-20PC-3-BS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
   2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-3-DCM-C MURATA-PS-DMS-20PC-3-DCM-C Datasheet
191Kb / 2P
   2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-3-FM-C MURATA-PS-DMS-20PC-3-FM-C Datasheet
525Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-20PC-3-FM-C MURATA-PS-DMS-20PC-3-FM-C Datasheet
192Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
logo
Murata Manufacturing Co...
DMS-20PC-3-LM-C MURATA-DMS-20PC-3-LM-C Datasheet
172Kb / 2P
   Self-Powered LED Display 480V AC Line Monitor
More results

Similar Description - DMS-20PC-3-BS-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100N MURATA-DM3100N Datasheet
224Kb / 6P
   Low Cost, 3쩍 Digit, LED Display in Low Profile Case
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com