Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-30LCD Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-30LCD
Description  3쩍 Digit, LCD Display Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30LCD Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-30LCD Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30LCD Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30LCD Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30LCD Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30LCD Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30LCD Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_DMS30LCD.D01 Page 2 of 6
TECHNICAL NOTES
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V (using the single-ended input circuit)
or +9V (using the differential input circuit), unless otherwise noted.
Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11)
with (–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage
protected (see Figure 1). Voltages applied to pin 12 should not exceed the
supply voltage.
Listed spec applies to 5V-powered models only. For 9V-powered models, both
(–) INPUT LO (pin 12) and (+) INPUT HIGH (pin 11) must always be at least
1.5V above –BATTERY (pin 3) and at least 1.5V below +BATTERY (pin 1).
See Technical Notes.
DMS-30LCD - 1 - 5
- C
Input Range:
0 = ±200mV
1 = ±2V
2 = ±20V
3 = ±200V
Accessories:
DMS-30-CP
Panel cutout punch
DMS-BZL1-C
DMS-30 bezel assembly
DMS-BZL2-C
DMS-30 bezel assembly with sealing gasket
RN-DMS
Gain/offset potentiometer kit for DMS-EB,
DMS-EB-AC/DC and DMS-EB-DC/DC
Add-On Application Boards:
DMS-EB-C
Multi-purpose (gain/offset, 4-20mA, etc.)
DMS-EB-HTB-C
High-accuracy temperature probe sensing for
±200mV models
DMS-EB-DC/DC-C
Provides isolated +5V power
DMS-EB-TCJ-C
J-type thermocouple inputs for ±2V models
DMS-EB-TCK-C
K-type thermocouple inputs for ±2V models
DMS-EB-RMS-C
For true rms measurements of ac voltages
DMS-EB-AC/DC-C
For ac line-powered applications
Leave blank for standard
models.
Add B for backlit models.
Power Source:
5 = +5V
9 = +9V
1. +1.23V REFERENCE OUTPUT (Pin 9): This pin is the output of the
meter’s precision +1.23V internal reference, and it is referenced to
ANALOG COMMON (pin 10) which sits at a potential of approximately
+2V. This output should be buffered if used to drive external loads
since sourcing more than 15μA from pin 9 can affect both the initial
accuracy and temperature drift of the meter.
2. ANALOG COMMON (Pin 10): This pin is connected to an internal,
low-noise, “relative” ground. It is used in certain differential and “float-
ing” measurements as described in the Applications section of this
data sheet and Ap Note 3 of the DATEL Panel Meter Catalog. Pin 10
A panel-mount retaining clip is supplied with each model.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-30LCD-0
±200
mV
DMS-30LCD-1
±2
Volts
DMS-30LCD-2
±20
Volts
DMS-30LCD-3
±200
Volts
Input Impedence:
DMS-30LCD-0, -1
100
1000
M
DMS-30LCD-2, -3
0.8
1
M
Overvoltage Protection
±250
Volts
DMS-30LCD-0, -1
±100
Volts
DMS-30LCD-2, -3
±250
Volts
Common Mode Voltage Range
±2
Volts
CMRR (dc to 60Hz)
86
dB
Control Inputs
Decimal Pt. Placement (Pins 4-6):
Functionality
Logic Compatibility
Tie to pin 3 to activate
TTL (on 5V-powered models)
Display Test (Pin 2)
Tie to pin 1 to activate
Backlight (Pin 2)
Tie to pin 3 to turn on backlight
Performance
Sampling Rate
2.5 reading per second
Accuracy (1 minute warm-up):
DMS-30LCD-0 (Vin = +0.19V)
±1
±2
Counts
DMS-30LCD-1 (Vin = +1.9V)
±1
±2
Counts
DMS-30LCD-2 (Vin = +19V)
±2
±3
Counts
DMS-30LCD-3 (Vin = +190V)
±2
±3
Counts
Zero Reading (Vin = 0 Volts)
“–001”
“000”
“001”
Temperature Drift (0 = +60°C)
±0.2
±0.4
Cnts/°C
+1.23V Reference Out (Pin 9)
+1.20
+1.23
+1.25
Volts
Power Supply Requirements (5V Models)
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
Standard Models
800
1200
μA
Backlit Models
45
60
mA
Power Supply Requirements (9V Models)
Supply Voltage
+7.5
+9.00
+14.0
Volts
Supply Current:
Standard Models
350
600
μA
Backlit Models
45
60
mA
Display
Display Type and Size
3½ digit, 0.4"/10.2mm high LCD
Polarity Indication
Autopolarity ("–" for negative Vin)
Overrange Indication
"–1_ _ _ " for negative inputs
"1_ _ _ " for positive inputs
Ordering Information
Physical/Environmental
Operating Temperature
0
+60
°C
Storage Temperature
–20
+75
°C
Humidity (non-condensing)
0–
95
%
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
Add -C for RoHS


Similar Part No. - DMS-30LCD

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-30LCDA-4-20 MURATA-PS-DMS-30LCDA-4-20 Datasheet
204Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
2015
DMS-30LCDA-4/20B MURATA-PS-DMS-30LCDA-4/20B Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-30LCDA-4/20B-C MURATA-PS-DMS-30LCDA-4/20B-C Datasheet
204Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
2015
DMS-30LCDA-4/20I MURATA-PS-DMS-30LCDA-4/20I Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
More results

Similar Description - DMS-30LCD

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
   3쩍 Digit, LCD Digital Panel Meter with Descriptors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com