Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-30LCD-0-5-C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMS-30LCD-0-5-C
Description  3쩍 Digit, LCD Display Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-30LCD-0-5-C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMS-30LCD-0-5-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-30LCD-0-5-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-30LCD-0-5-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-30LCD-0-5-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-30LCD-0-5-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-30LCD-0-5-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_DMS30LCD.D01 Page 5 of 6
APPLICATIONS
R2
(R1 + R2 + R3)
= 0.1
Figure 7. 4-to-20mA Current Loop Operation
(5V-Powered Models)
Figure 9. External Gain Adjustment
Figure 8. Power Supply Monitor
(9V-Powered Models)
6. Power Supply Monitoring: A popular application for DATEL’s low-
power LCD meters is monitoring the supply voltage in battery-oper-
ated portable equipment. Figure 8 demonstrates how a 9V-powered
DMS-30LCD can be used to monitor its own supply. The meter used
is the DMS-30LCD-1-9. A three-resistor voltage divider is used to
attenuate the battery voltage and also to satisfy the requirement that
the input voltages applied to pins 12 and 11 be at least 1.5 Volts above
and below the battery voltage applied to pins 1 (+BATTERY) and 3
(–BATTERY). The divider should be designed so that 1/10th the bat-
tery voltage falls across the inputs to the meter:
To calibrate the circuit of Figure 7, perform the following:
1. With 4mA applied, adjust the 50k
potentiometer (R2) to
display a reading of "000" (assuming that is the desired
reading).
2. With 20mA applied, adjust the gain-adjust potentiometer on
the back of the meter to display a reading of "1999". For different full
scale readings, alter the RShunt value accordingly.
RShunt = R1 = VFsr /IFsr
Where:
VFsr = Full scale reading (in Volts)
IFsr = Relative full scale current (in Amps)
Example: For a meter with a 2V full scale input (1.999 full
scale reading) and a desired full scale display reading of
1000 (with an input of 20mA), VFsr = 1.000 Volts
RShunt = 1.000V/(0.020 – 0.004)A
RShunt = 1.000V/0.016A = 62.5 Ohms
7. External Gain Adjustment: Connect REFERENCE OUT
(pin 8) to REFERENCE IN (pin 7) for normal, factory calibrated, opera-
tion. Use the +1.23V REFERENCE OUT (pin 9) for applications need-
ing external gain adjustment. Figure 9 shows the wiring configuration
for each model. Calibration is performed with a precise, near-full-scale,
input voltage.
Therefore, the 9V battery voltage appears to the meter inputs as 0.9V.
With the decimal point moved to its DP2 position
(pin 5 tied to pin 3), the meter reads 9.00 Volts.
The circuit can be calibrated by first measuring the actual battery volt-
age with another meter and then adjusting the gain-adjust potentiom-
eter on the back of the DMS-30LCD until a similar reading is obtained.
If possible, the resistors in the divider should be ±1% metal-film types
with TCR’s less than 50ppm/°C.
13
+5V SUP
5V RET
DATEL
UPA-5/500
120 VAC
AC to DC Converter
(–) IN LO
ANA COMM
(+) IN HI
R1
4-20mA
50k
R2
8
7
REF OUT
REF IN
DMS-30LCD-1-5
1
12
3
+BAT
(–) IN LO
–BAT
11
(+) IN HI
5
DP2
R2
R1
R3
45.3k
10.1k
45.3k
9V
BATTERY
8
7
REF OUT
REF IN
DMS-30LCD-1-9
9
(+) IN HI
(–) IN LO
ANA COMM
10
1.23V REF
1k
10 to 20 Turns
8
REF IN
11
1k
10 to 20 Turns
8.45k, 1%
8.45k, 1%
5V RET
7
NC
12
3
For 5V models tie
(–) IN LO to pin 3
For 9V models tie
(–) IN LO to pin 10
12
VOLTAGE
CALIBRATOR
OUT
COM
Connections
for ±2V and
±20V models
Connections
for ±200mV
models
DMS-30LCD


Similar Part No. - DMS-30LCD-0-5-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-30LCDA-4-20 MURATA-PS-DMS-30LCDA-4-20 Datasheet
204Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
2015
DMS-30LCDA-4/20B MURATA-PS-DMS-30LCDA-4/20B Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-30LCDA-4/20B-C MURATA-PS-DMS-30LCDA-4/20B-C Datasheet
204Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
2015
DMS-30LCDA-4/20I MURATA-PS-DMS-30LCDA-4/20I Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
More results

Similar Description - DMS-30LCD-0-5-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
   3쩍 Digit, LCD Digital Panel Meter with Descriptors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com