Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

610-4LR010 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # 610-4LR010
Description  ALUMINUM HOUSED RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

610-4LR010 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  610-4LR010 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
600 SERIES
ALUMINUM HOUSED RESISTORS
SPECIFICATIONS: Consult factory for dimensions on liquid cooled design up to 1000 Watt
FA018F Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
Widest selection in the industry! 5 to 1000 Watt
0.005
Ω to1MΩ, tolerance to .01%, TC to 5ppm
High power and high pulse capacity in compact size
Welded wirewound construction, low noise
Available on exclusive SWIFT TM delivery program!
Option X: Non-inductive
Option P: Increased pulse capability
Option ER: 100 hour burn-in per MIL-PRF-39009
Option B: Increased power
Additional modifications: unanodized cases, custom marking,
increased dielectric/creepage & working voltage, low thermal emf
(opt.E), etc. Customized components are an RCD Specialty!
Standard units feature lug terminals (605 - 630)
or threaded terminals (635 & 640).
Option L (605-625): Insulated stranded wires
embedded into the case. Black TFE 18awg x
12”L with ¼” strip is standard (16awg TFE &
14awg PVC avail). Also available with 4 insulated
lead wires (Opt.4L), and with a wide variety of
terminals... quick-connect male (Opt. LM=.25x.032);
female (Opt. LF=.25x.032”, LFS=.187x.020);
ring terminal (Opt. LR=.145” I.D., LRR=.25” I.D.).
Option 2T & 4T (605-625): Straight leadwires.
2T is 2-terminal design, 4T is 4-terminal. Each
have 18awg x 1” min lead length. 16awg x 1”
and 12AWG x .5” also available (12 AWG not
avail in Opt 4T).
Option 4R (605-630): 4-terminal design. 16AWG
lug terminals are welded to standard terminals.
1 Military part numbers are for reference only and do not imply qualification. 2 Max. voltage = ( PR)½ , not to exceed the value listed (increased ratings avail). Multiply by 0.7 for Opt.X.
TYPICAL PERFORMANCE CHARACTERISTICS:
3 The dielectric strength on Opt. L resistors is 50% of standard (available up to 3KV)
DERATING: Power rating is based on the use of a suitable heat sink and thermal
compound to limit case temp. to 200°C. Derate wattage 0.44%/°C above 25°C.
Recommended aluminum chassis area is 64in² x.040” thick for type 605 and 610,
83in² x.040” thick for type 615, 144in² x.060” thick for type 620, and 144in² x .125”
for types 625 through 640. Without a heat sink, derate wattage rating by 60%.
RESISTORS CAPACITORS COILS DELAY LINES
605-630
View From Top
A
C
H
E
G
B
F
L
N
D
635-640
View From Top
A
C
E
G
B
F
L
D
3.00±.01”
(640 only)
H
1/4-20,12-24
Type 630 & 640 have 4 mounting holes
605-630
View From Side
635-640
View From Side
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
D
C
R
e
p
y
T
e
p
y
T
L
I
M
1
d
e
t
n
u
o
M
,
e
g
a
t
t
a
W
.
s
i
s
e
R
(
e
g
n
a
R
Ω)
e
g
a
t
l
o
V
g
n
i
t
a
R
2
A
5
0
0
.
±
B
5
0
0
.
±
C
2
6
0
.
±
D
2
6
0
.
±
E
1
3
0
.
±
F
1
3
0
.
±
G
1
3
0
.
±
H
0
1
0
.
±
L
5
0
0
.
±
N
5
0
0
.
±
g
t
M
w
e
r
c
S
d
t
SB
.
t
p
OL
I
M
5
0
60
6
R
E
R
/
E
R5
.
75
15
K
0
2
-
5
0
0
.0
6
1
4
4
4
.
]
3
.
1
1
[
0
9
4
.
]
5
.
2
1
[
0
0
6
.
]
2
.
5
1
[
5
2
1
.
1
]
6
.
8
2
[
4
3
3
.
]
5
.
8
[
6
4
6
.
]
4
.
6
1
[
0
2
3
.
]
2
.
8
[
5
6
0
.
]
6
.
1
[
3
9
0
.
]
4
.
2
[
0
5
0
.
]
3
.
1
[
2
#
]
2
M
[
0
1
65
6
R
E
R
/
E
R5
.
2
10
20
1K
0
0
1
-
5
0
0
.5
6
2
2
6
5
.
]
3
.
4
1
[
5
2
6
.
]
9
.
5
1
[
0
5
7
.
]
0
.
9
1
[
5
7
3
.
1
]
0
.
5
3
[
0
2
4
.
]
8
.
0
1
[
0
0
8
.
]
3
.
0
2
[
5
0
4
.
]
3
.
0
1
[
5
7
0
.
]
9
.
1
[
3
9
0
.
]
4
.
2
[
6
8
0
.
]
2
.
2
[
2
#
]
2
M
[
5
1
60
7
R
E
R
/
E
R5
25
30
2K
0
0
2
-
5
0
0
.0
5
5
9
1
7
.
]
3
.
8
1
[
1
8
7
.
]
8
.
9
1
[
2
6
0
.
1
]
0
.
7
2
[
8
3
9
.
1
3
.
9
4
[
1
3
5
.
]
5
.
3
1
[
0
8
0
.
1
]
4
.
7
2
[
6
4
5
.
]
9
.
3
1
[
8
8
0
.
]
2
.
2
[
5
2
1
.
]
2
.
3
[
6
8
0
.
]
2
.
2
[
4
#
]
5
.
2
M
[
0
2
65
7
R
E
R
/
E
R0
50
60
3K
0
0
4
-
5
0
0
.0
5
2
1
3
6
5
.
1
]
7
.
9
3
[
4
4
8
.
]
5
.
1
2
[
8
6
9
.
1
]
0
.
0
5
[
1
8
7
.
2
]
6
.
0
7
[
9
0
6
.
]
6
.
5
1
[
0
4
1
.
1
]
8
.
8
2
[
0
1
6
.
]
5
.
5
1
[
8
8
0
.
]
2
.
2
[
5
2
1
.
]
2
.
3
[
6
8
0
.
]
2
.
2
[
4
#
]
5
.
2
M
[
5
2
6-
5
7-
-
K
0
0
5
-
1
0
.0
0
9
1
3
6
5
.
1
]
7
.
9
3
[
4
4
8
.
]
5
.
1
2
[
0
5
8
.
2
]
4
.
2
7
[
3
6
6
.
3
]
0
.
3
9
[
9
0
6
.
]
6
.
5
1
[
0
4
1
.
1
]
8
.
8
2
[
0
1
6
.
]
5
.
5
1
[
8
8
0
.
]
2
.
2
[
5
2
1
.
]
2
.
3
[
6
8
0
.
]
2
.
2
[
4
#
]
5
.
2
M
[
0
3
6-
0
0
1-
-
K
0
0
1
-
1
.
00
0
9
1
1
0
.
±
7
7
3
.
1
]
0
.
5
3
[
1
0
.
±
7
5
4
.
1
]
0
.
7
3
[
9
7
5
.
2
]
5
.
5
6
[
9
0
.
±
8
3
.
3
]
9
.
5
8
[
3
5
0
.
1
]
7
.
6
2
[
9
3
8
.
1
]
7
.
6
4
[
0
6
9
.5
0
.
±
]
4
.
4
2
[
3
0
.
±
8
3
1
.
]
5
.
3
[
1
0
.
±
3
7
1
.
]
4
.
4
[
n
i
M
6
8
0
.
]
2
.
2
[
8
#
]
4
M
[
5
3
67
7
E
R0
0
10
5
15
7K
0
0
6
-
1
.
00
0
9
1
1
0
.
±
5
7
.
2
]
5
8
.
9
6
[
1
0
.
±
5
2
.
2
]
5
1
.
7
5
[
0
5
.
3
]
9
.
8
8
[
9
0
.
±
8
4
.
5
]
4
1
.
9
3
1
[
2
1
8
.
1
]
0
.
6
4
[
2
1
8
.
2
]
2
4
.
1
7
[
5
7
.
1
]
5
4
.
4
4
[
3
0
.
±
8
8
1
.
]
8
7
.
4
[
1
0
.
±
8
8
1
.
]
8
7
.
4
[
a
/
n
8
#
]
4
M
[
0
4
60
8
E
R0
5
20
0
30
2
1M
1
-
1
.
00
0
3
2
1
0
.
±
5
7
8
.
3
]
2
4
.
8
9
[
1
0
.
±
0
5
.
2
]
5
.
3
6
[
0
5
.
4
]
3
.
4
1
1
[
9
0
.
±
0
0
.
7
]
8
.
7
7
1
[
5
2
1
.
2
]
8
9
.
3
5
[
0
0
.
3
]
2
.
6
7
[
8
8
1
.
2
]
8
5
.
5
5
[
3
0
.
±
0
5
2
.
]
5
3
.
6
[
1
0
.
±
8
8
1
.
]
8
7
.
4
[
a
/
n
8
#
]
4
M
[
t
n
e
i
c
i
f
f
e
o
C
.
p
m
e
T
9
9
0
0
.
-
5
0
0
.
:
)
.
t
p
o
m
p
p
0
0
3
,
0
0
2
(
d
t
s
m
p
p
0
0
6
9
4
0
.
-
1
0
.
:
)
.
t
p
o
m
p
p
0
0
2
,
0
0
1
(
d
t
s
m
p
p
0
0
3
9
9
0
.
-
5
0
.
Ω:)
.
t
p
o
m
p
p
0
0
1
,
0
5
(
d
t
s
m
p
p
0
0
2
9
9
.
-
1
.
Ω:)
t
p
o
m
p
p
0
5
,
0
3
,
0
2
,
0
1
(
d
t
s
m
p
p
0
9
9
.
9
-
1
Ω:)
.
t
p
o
m
p
p
0
3
,
0
2
,
0
1
(
d
t
s
m
p
p
0
5
0
1
)
.
t
p
o
m
p
p
0
1
,
5
(
d
t
s
m
p
p
0
2
:
e
v
o
b
a
&
)
V
W
D
(
c
i
r
t
c
e
l
e
i
D
0
1
6
,
5
0
6
5
2
6
,
0
2
6
,
5
1
6
0
4
6
,
5
3
6
,
0
3
6
d
r
a
d
n
a
t
S
3
l
a
n
o
i
t
p
O
)
4
3
.
t
p
O
(
V
K
5
.
2
,
)
6
3
.
t
p
O
(
V
K
2
V
K
1
)
1
4
.
t
p
O
(
V
K
3
,
)
4
3
.
t
p
O
(
V
K
5
.
2
V
K
2
)
5
6
.
t
p
O
(
V
K
4
,
)
1
4
.
t
p
O
(
V
K
3
V
K
5
.
2
X
.
t
p
O
,
e
c
n
a
t
c
u
d
n
I
5
0
6
5
1
6
,
0
1
6
5
2
6
,
0
2
6
0
4
6
,
5
3
6
,
0
3
6
≤≤≤≤≤ 0
5
0
5
>
x
a
M
H
u
7
3
.
0
x
a
M
H
u
2
.
0
x
a
M
H
u
6
.
0
x
a
M
H
u
3
.
0
x
a
M
H
u
2
.
1
x
a
M
H
u
5
6
.
0
x
a
M
H
u
0
.
3
x
a
M
H
u
5
.
1
)
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M
d
a
o
l
r
e
v
O
h
t
g
n
e
r
t
S
l
a
n
i
m
r
e
T
.
p
m
e
T
g
n
i
t
a
r
e
p
O
)
B
.
t
p
O
%
3
±
d
n
a
,
0
4
6
-
5
2
6
r
o
f
%
2
±
(
%
1
±
%
5
.
0
±
)
V
W
D
d
e
e
c
x
e
o
t
t
o
n
V
(
c
e
S
5
,
W
d
e
t
a
r
x
5
t
s
e
t
ll
u
p
b
l
-
0
1
C
°
0
5
2
+
o
t
C
°
5
5
-
610 -
1001 - F B
W
Optional TC (leave blank if std): 5=5ppm, 10=10ppm; 20=20ppm;
30=30ppm; 50=50ppm; 101=100ppm, 201=200ppm, 301=300ppm)
RCD Type
Options: X, Q2, Q, P, LRR, LR, LM, LFS, LF, L, ER,
E, B, 65, 41, 36, 34, 16, 14, 4T, 4R, 4L (leave blank if std)
Tolerance: K=10%, J=5%, H=3%, G=2%, F=1%, D=0.5%,
C=0.25%, B=0.1%, A=0.05%, Q=0.02%, T=0.01%
Packaging: B = standard
Resis. Code:
≤≤≤≤≤1%: 3 signif. figures & multiplier,
e.g. R010=0.01
Ω,R100= 0.1Ω, 1R00= 1Ω,1000= 100Ω,1001= 1KΩ
Resis. Code 2% - 10%: 2 signif. figures & multiplier, e.g.
R01=0.01
Ω, R10= 0.1Ω,1R0= 1Ω,100= 10Ω,102= 1KΩ
P/N DESIGNATION:
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
Non-std lead length for option L (inches): (12” = std) 4”, 16”, etc.
46
Option Q (605-630): .187x.020” male fast-on
terminal; Opt. Q2 (610-625) is .250x.032”
male terminal. Opt. Q & Q2 add 0.9 ±0.125”
to Dim. D.


Similar Part No. - 610-4LR010

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
610-4132-120F DIALIGHT-610-4132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
610-4232-120F DIALIGHT-610-4232-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
610-4332-120F DIALIGHT-610-4332-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
More results

Similar Description - 610-4LR010

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
   Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
Token Electronics Indus...
AHS10R51A5 TOKEN-AHS10R51A5 Datasheet
427Kb / 7P
   AH Aluminum Housed Power Resistors
logo
Riedon Powertron
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com