Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC1206-1000-JT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # FC1206-1000-JT
Description  FUSIBLE CHIP RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

FC1206-1000-JT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  FC1206-1000-JT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s broadest range of fusible chip resistors-
7 standard sizes from 0402 to 2512, widest resistance
range- 1
Ω to 10K standard
Perform like conventional chip resistors under normal
conditions but fuse when subject to overloads
Standard tolerance: ±5%,10% (1%,2% available)
See MBW Series for additional SM fuse resistors (1/4W-3W)
FUSIBLE CHIP RESISTORS
FC SERIES
Surface Mount Circuit Protection!
RCD Series FC resistors offer a low cost approach to circuit
protection in case of overload or component failure. The resistor
is designed to act as a conventional resistor under normal
operating conditions, but will quickly open when subjected to
suitable continuous overload. Standard fusing characteristics
can be altered to customer requirements.
OPTIONS
Option ER: Group A screening per Mil-PRF-55342
Customized fusing time and/or fusing power level
TYPICAL PERFORMANCE CHARACTERISTICS
L
T
t
W
1Open circuit voltage (consult factory for increased voltage rating)
2Extended resistance range available
CONSTRUCTION
Fusible Resistive film
Inner Electrode
Alumina
Substrate
Nickel Barrier
Solder Plating
Environmental Seal
Marking available
(specify Opt. A)
Fault level must be suitable to safely open the resistor. If insufficient
the resistor may reach elevated temp. For this reason, the fusing load
must be relatively large compared to rated W, 30-60x is common for
most circuits, and should be at least equal to the minimum fusing
power listed in Performance Chart. Fusing may still occur at W levels
below these but not as consistently (fast-blow models available).
Don’t exceed volt rating or 200x W rating, whichever is less. Customers
should evaluate product for suitability under all possible overload
scenarios. Customized fusing characteristics are available.
Fusing times vary depending on the amount of “heat sinking”
involved, i.e. PCB material, pad size, trace thickness, etc.
Customers should evaluate fusing in actual-use conditions.
Exercise care when testing fuse resistors.
APPLICATION NOTES:
D
C
Re
g
a
t
t
a
WM
f
O
-
d
l
o
H
.
x
af
R
e
c
n
a
t
s
i
s
e
DN
O
I
S
N
E
M
IS
Tp
ye
g
n
i
t
a
Rg
a
t
l
o
Ve
g
n
a
Re
LW
T
t
F2
0
4
0
C. 0
1W
V
0
5
1
1
Ω o
t1K
2
0
4
0
0
0
..
1
[
41
.
±
00]
0
2
0
0
0
.2
5
.
0
[
± .05]
4
1
0
4
0
0
.5
3
.
5
1
.]
1
0
.0 ±
0
0
.5 .
[5
2± .1 ]
2
C
F3
0
6
01
.5
2W
V
0
0
1
1
1
Ω o
t8
.
1K
2 0
.3
0
0
.8 [ .
1 6 ± .20] 0
.31 ±
5
0
0
.8
.
0
]
3
1
.8
1
0
6
0
0
.5
4
.
]
5
1
.1
0
.2 ±
8
0
0
.0
3
.
[± 2
.0]
C
F5
0
8
0W
5
1
.5
1V
0 1
1
Ω o
t3K
2
9
7
0
0
0
.8
0
.
2
[
± .20]
0
5
0
5
2
.
1
[
6
0
0
]
5
1
.8
1
0
6
0
0
.5
4
.
]
5
1
.4
1
0
8
0
0
.5
3
.
[± 2
.0]
C
F6
0
2
1W
5
2
.0
2V
0 1
1
Ω o
t1
.
5K
2
6
2
1
0
0
.8 [ 2
.
3
± .20]
3
6
0
0
0
.8
6
.
1
[
± .20]
0
2
0
6
0
0
.0
5
.
]
5
1
.0
2
0
1
5
.
[
0
1
0
]
5
2
.
C
F0
1
2
1W
0
5
.25 V
0 1
1
Ω o
t2
.
6K
2
2
1
..
±
60
08
2
.
3
[
± .20]
8
9
0
8
0
0
.5
.
2
[± 2
.0]
4
2
0
8
0
0
.1
6
.
[± 2
.0]
0
2
0
0
1
0
.1
5
.
]
5
2
.
1
0
2
C
F0
. 5
7W
3
V
0
0
1
1
Ω o
t5
.
7K
2
8
0
0
.
±
7
9
1
.2
.
±
0
.
5
[0]
.
±
6
.
2
[
8
0
0
.
±
0
0
1
.]
0
24
2
0
8
0
0
.1
6
.
[.
± 20]
0
2
0
0
1
0
.1
5
.
]
5
2
.
2
1
5
2
C
F0
.
1W
4
V
0
0
1
1
0
1
o
tK
2 2
.48 ±
8
0
0
.3
.
6
[± 2
.0]
2
1
.4 ±
0
1
0
.2
.
3
]
5
2
.4
2
0
8
0
0
.1
6
.
[± 2
.0]
0
3
0
8
1
0
.5
7
.
]
6
4
.
S
T
N
E
M
E
R
I
U
Q
E
RS
C
I
T
S
I
R
E
T
C
A
R
A
H
CD
O
H
T
E
M
T
S
E
T
:
2
0
4
0
C
F
r
e
w
o
P
g
n
i
s
u
F
.
n
i
M
:
3
0
6
0
C
F
:
5
0
8
0
C
F
:
6
0
2
1
C
F
:
0
1
2
1
C
F
:
0
1
0
2
C
F
:
2
1
5
2
C
F
W
5
.
2
t
a
c
e
s
0
3
<
W
3
t
a
c
e
s
0
3
<
W
5
2
.
3
t
a
c
e
s
0
3
<
W
5
t
a
c
e
s
0
3
<
W
5
.
7
t
a
c
e
s
0
3
<
W
5
2
.
1
1
t
a
c
e
s
0
3
<
W
5
1
t
a
c
e
s
0
3
<
e
c
n
a
t
s
i
s
e
r
l
a
u
d
i
s
e
r
,
C
°
5
2
,
d
e
t
n
u
o
m
n
U
l
a
n
i
g
i
r
o
e
h
t
X
0
0
1
f
o
m
u
m
i
n
i
m
a
e
b
o
t
.
e
u
l
a
v
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T5
<
(
C
°
/
m
p
p
0
0
2
)
m
p
p
0
5
2
=C
°
5
2
1
+
o
t
C
°
5
2
t
a
e
H
g
n
i
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
5
2
.
0
±s
d
n
o
c
e
s
3
,
C
°
5
±
0
6
2
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
H%
5
.
0
±C
°
5
2
1
+
@
s
r
u
o
h
0
0
1
n
o
i
t
a
r
e
p
O
.
p
m
e
T
w
o
L%
5
.
0
±r
u
o
h
1
,
C
°
5
5
-
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
1
±2
4
3
5
5
-
F
R
P
-
l
i
M
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
5
±
1
.
1
1
.
8
.
4
2
4
3
5
5
-
F
R
P
-
l
i
M
r
e
p
W
d
e
t
a
R
k
c
o
h
S
l
a
m
r
e
h
T%
5
.
0
±
s
e
l
c
y
c
5
,
s
r
u
o
h
5
.
0
,
C
°
5
2
1
+
o
t
C
°
5
5
-
y
t
i
l
i
b
a
r
e
d
l
o
S)
.
n
i
M
(
%
5
98
0
2
d
o
h
t
e
M
,
2
0
2
-
d
t
S
-
L
I
M
e
g
a
t
l
o
V
g
n
i
d
n
a
t
s
h
t
i
W
c
i
r
t
c
e
l
e
i
D)
3
0
6
0
&
2
0
4
0
V
0
0
1
(
V
0
5
2c
i
m
a
r
e
c
o
t
l
a
n
i
m
r
e
t
,
s
d
n
o
c
e
S
0
6
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
2
1
+
o
t
C
°
5
5
-
)
C
°
0
7
e
v
o
b
a
(
g
n
i
t
a
r
e
DC
°
/
%
8
1
.
1
y
b
V
&
W
e
t
a
r
e
d
RESISTORS CAPACITORS COILS DELAY LINES
FA021C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
29
1)
2)
3)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is
acceptable, in which case RCD will select based on lowest price
and quickest delivery)
P/N DESIGNATION:
FC1206
-
102 -
J
T W
Option Codes: ER, A, etc.
(leave blank if standard)
RCD Type
Tolerance Code: F= 1%, J= 5%, K=10%
Packaging: B = Bulk, T = Tape & Reel
Resis.Code 1%: 3 signif. figures & multiplier
(1R00=1
Ω, 10R0=10Ω, 1000=100Ω, 1001=1K, 1002=10K)
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(1R0=1
Ω, 100=10Ω, 101=100Ω, 102=1K, 103=10K)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - FC1206-1000-JT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
FC1206-1000-JT302 RCD-FC1206-1000-JT302 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
FC1206-1000-JT452 RCD-FC1206-1000-JT452 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
FC1206-1000-JT502 RCD-FC1206-1000-JT502 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
More results

Similar Description - FC1206-1000-JT

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
   Fusible Power Resistors
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com