Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-20PC-1-AC1-PGL-L-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ACA-20PC-1-AC1-PGL-L-C
Description  Digital, LED-Display AC Ammeters with Built-in Current Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20PC-1-AC1-PGL-L-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ACA-20PC-1-AC1-PGL-L-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20PC-1-AC1-PGL-L-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20PC-1-AC1-PGL-L-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20PC-1-AC1-PGL-L-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20PC-1-AC1-PGL-L-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACA-20PC-1-AC1-PGL-L-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
First pass and carefully dress one external load wire through the
on-board CT (L1). Then connect the ac supply and load wires to TB1
as shown. If required, verify that correct line-power polarities are
applied to the external load (see Technical Note 4). Ensure all wires
are stripped and terminals torqued correctly. For proper operation,
pass only one load wire through the on-board CT’s center hole.
Figure 3. 2A and 20A, 85-264V AC-Powered Models
With Auxilliary Load Connections
Figure 5. All DC-Powered Models
Figure 4. All Other AC-Powered Models
ACA-20PC-X-ACX
ACA-20PC-X-DCX
ACA-20PC-2-AC1-RL
ACA-20PC-1-AC1-RL
Step 2.
Step 3.
Step 4.
Step 1.
Figure 2. Panel Installation
Panel
ACA-20PC Series
Digital, LED-Display AC Ammeters with
Built-in Current Transformers
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPM_ACA_20PC.B05 Page 4 of 6
TYPICAL WIRING DIAGRAM


Similar Part No. - ACA-20PC-1-AC1-PGL-L-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
ACA-20PC-2-AC1-RL-C MURATA-PS-ACA-20PC-2-AC1-RL-C Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Builtin Current Transformers
2022
ACA-20PC-2-AC1-RL-C MURATA-PS-ACA-20PC-2-AC1-RL-C Datasheet
1Mb / 6P
   True-RMS-AC Ammeters with Built-in CT
2022
ACA-20PC-2-DC1-RL-C MURATA-PS-ACA-20PC-2-DC1-RL-C Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Builtin Current Transformers
2022
ACA-20PC-2-DC1-RL-C MURATA-PS-ACA-20PC-2-DC1-RL-C Datasheet
1Mb / 6P
   True-RMS-AC Ammeters with Built-in CT
2022
More results

Similar Description - ACA-20PC-1-AC1-PGL-L-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
   5 Amp Input LED-Display AC Ammeters
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
logo
Extech Instruments Corp...
ML720 EXTECH-ML720 Datasheet
497Kb / 19P
   MultiLog Digital MultiMeter With built-in Datalogger
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com